전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A8519KETTR-R-1 데이터시트(PDF) 23 Page - Allegro MicroSystems

부품명 A8519KETTR-R-1
상세설명  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 데이터시트(HTML) 23 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 19Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 20Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 21Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 22Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 23Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 24Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 25Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 26Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 27Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
23
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
VDD
The VDD pin provides regulated bias supply for internal circuits.
Connect a capacitor with a value of 1 μF or greater to this pin.
The internal LDO can deliver no more than 2 mA of current with
a typical VDD voltage of about 3.5 V, enabling this pin to serve
as the pull-up voltage for the fault pin.
Shutdown
If PWM pin is pulled low for more than tPWML (32,750 clock
cycles), the device enters shutdown mode and clears all internal
fault registers. As an example, at 2 MHz clock frequency, it will
take approximately 16.3 ms to shut down the IC into the low
power mode. When shut down, the IC will disable all current
sources and wait until the PWM goes high to re-enable the IC.
Figure 35 depicts the shutdown using the PWM enable, showing
the 16.3 ms delay between PWM signal and when the VDD and
GATE of disconnect switch turn off.
Figure 35: Shutdown Using the PWM Enable
VVDD
VGATE
VPWM
ILED(TOTAL)
Setting the Current Sense Resistor
As shown in Figure 32:
VIN – VSENSE = VSC + Iadj × Radj
or
ISC = ((VIN – VSENSE) – Iadj × Radj)/RSC
where VSC = the voltage drop across RSC. The typical threshold
for the current sense is VIN – VSENSE = 110 mV when Radj is 0 W.
The A8519 can have this voltage trimmed using the Radj resistor.
It is recommended to set trip point to be above 3.65 A to avoid
conflicts with the cycle-by-cycle current limit typical threshold.
A sample calculation is done below for 4.25 A of input current.
Calculated max value of sense resistor RSC = 0.11 V / 4.25 A =
0.0259 Ω.
The RSC chosen is 0.024 Ω, a standard value. Therefore, the volt-
age drop across RSC is:
R=
adj
V= 4.25 A×0.024 = 0.102 V
SC
V– V
VSENSE(trip)
SC
I
adj
= 372
R=
adj
0.11 V – 0.102 V
21.5 µA
Input UVLO
When VIN and VSENSE rise above VUVLOrise threshold, the A8519
is enabled. The A8519 is disabled when VIN falls below VUVLOfall
threshold for more than 50 μs. This small delay is used to avoid
shutting down because of momentary glitches in the input power
supply.
Figure 34 illustrates a shutdown due to a falling input voltage
(VIN). When VIN falls below 3.90 V, the IC will shut down.
Figure 34: Shutdown with Falling Input Voltage
VOUT
VIN
VVDD
ILED(TOTAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com