전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A8519KETTR-R-1 데이터시트(PDF) 31 Page - Allegro MicroSystems

부품명 A8519KETTR-R-1
상세설명  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 데이터시트(HTML) 31 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 27Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 28Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 29Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 30Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 31Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 32Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 33Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 34Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 35Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
31
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Step 8: Selection of input capacitor. The input capacitor needs to
be selected such that it provides good filtering of the input volt-
age waveform. A good rule of thumb is to set the input voltage
ripple ΔVIN to be 1% of the minimum input voltage. The mini-
mum input capacitor requirements are as follows:
C =
IN
ΔIL(used)
8 × f × ΔV
SW
IN
C =
IN
= 0.234 µF
0.375 A
8 × 2 MHz × 0.1 V
C
=
IN(rms)
C
=
IN(rms)
= 0.1 A
I ×
OUT
ΔI
L(used)
(1 – D )× 12
MAX
I
IN(max)
= 0.1 A
0.240 A × 0.375 A
(1 – 0.75) × 12
1.06 A
A good ceramic input capacitor with ratings of 50 V / 2.2 µF or
50 V / 4.7 µF will suffice for this application.
Vendor
Value
Part Number
Murata
4.7 µF / 50 V
GRM32ER71H475KA88L
Murata
2.2 µF / 50 V
GRM31CR71H225KA88L
If long wires are used for the input, it is necessary to use a much
larger input capacitor. A larger input capacitor is also required to
have stable input voltage during line transients. Combinations of
aluminum electrolytic and ceramic capacitors can be used.
Step 9: Choosing the input disconnect switch components.
Set the input disconnect current limit to 4.25 A.
R=
SC
= 0.0259
0.11 V
4.25 A
The RSC chosen is 0.024 ohms. Therefore, the voltage drop across
RSC is:
R=
adj
V= 4.25 A×0.024 = 0.102 V
SC
V– V
VSENSE(trip)
SC
I
adj
= 372
R=
adj
0.11 V – 0.102 V
21.5 µA
A value of 383 W was chosen for this design. The disconnect
switch Q1 works as on or off. Therefore, the Radj value is not
really critical.
For the input disconnect switch, an AO4421 6.2 A / 60 V P-chan-
nel MOSFET is selected.
To achieve proper operation at low dimming ratios, connect an
RC filter to the VOUT pin. Use R = 10 kW and C = 47 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com