전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST75C176BN 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 ST75C176BN
상세설명  Low power RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176BN 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button ST75C176BN Datasheet HTML 2Page - STMicroelectronics ST75C176BN Datasheet HTML 3Page - STMicroelectronics ST75C176BN Datasheet HTML 4Page - STMicroelectronics ST75C176BN Datasheet HTML 5Page - STMicroelectronics ST75C176BN Datasheet HTML 6Page - STMicroelectronics ST75C176BN Datasheet HTML 7Page - STMicroelectronics ST75C176BN Datasheet HTML 8Page - STMicroelectronics ST75C176BN Datasheet HTML 9Page - STMicroelectronics ST75C176BN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST75C176B - ST75C176C
6/17
4
Electrical characteristics
Table 6.
DC electrical characteristics
(VCC = 5 V ± 5 %, TA = TMIN to TMAX, unless otherwise specified. Typical values are referred
to TA = 25 °C) (See Note 1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOD1
Differential driver output
(no load)
5V
VOD2
Differential driver output
(with load)
RL = 27Ω (RS-485), (See Figure 2.)
RL = 50Ω (RS-422), (See Figure 2.)
1.5
5
5
V
V
ΔVOD
Change in magnitude of
driver differential output
voltage for complementary
output states
RL = 27Ω or 50Ω (See Figure 2.)0.2
V
VOC
Driver common-mode
output voltage
RL = 27Ω or 50Ω (See Figure 2.)3
V
ΔVOC
Change in magnitude of
driver common-mode
output voltage for
complementary output
states
RL = 27Ω or 50Ω (See Figure 2.)0.2
V
VIH
Input high voltage
RE, DE, DI
2.0
V
VIL
Input low voltage
RE, DE, DI
0.8
V
IIN1
Input current
RE, DE, DI
± 2
μA
IIN2
Input current (A, B)
VCM = 0V or 5.25V, VDE = 0V
VIN = 12V
VIN = -7V
1
-0.8
mA
mA
VTH
Receiver differential
threshold voltage
VCM = -7 to 12V
-0.2
0.2
V
ΔVTH
Receiver input hysteresis
VCM = 0V
70
mV
VOH
Receiver output high
voltage
IO = -4mA, VID = 200mV
3.5
V
VOL
Receiver output low
voltage
IO = 4mA, VID = -200mV
0.4
V
IOZR
3-State (high impedance)
output current at receiver
VO = 0.4 to 2.4V
± 1
μA
RIN
Receiver input resistance
VCM = -7 to 12V
12
KW
ICC
No load supply current
(Note 2)
VRE = 0V or VCC
VDE = VCC
VDE = 0V
400
300
900
500
μA
μA
IOSD1
Driver short-circuit current,
VO=High
VO = -7 to 12V (Note 3)
35
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com