전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST75C176BN 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 ST75C176BN
상세설명  Low power RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176BN 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button ST75C176BN Datasheet HTML 3Page - STMicroelectronics ST75C176BN Datasheet HTML 4Page - STMicroelectronics ST75C176BN Datasheet HTML 5Page - STMicroelectronics ST75C176BN Datasheet HTML 6Page - STMicroelectronics ST75C176BN Datasheet HTML 7Page - STMicroelectronics ST75C176BN Datasheet HTML 8Page - STMicroelectronics ST75C176BN Datasheet HTML 9Page - STMicroelectronics ST75C176BN Datasheet HTML 10Page - STMicroelectronics ST75C176BN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST75C176B - ST75C176C
7/17
1
All currents into device pins are positive; all cuts out of device pins are negative; all voltages
are referenced to device ground unless specified.
2
Supply current specification is valid for loaded transmitters when VDE = 0V
3
Applies to peak current. See typical operating characteristics.
Note:
1
All currents into device pins are positive; all cuts out of device pins are negative; all voltages
are referenced to device ground unless specified.
IOSD2
Driver short-circuit current,
VO=Low
VO = -7 to 12V (Note 3)
35
250
mA
IOSR
Receiver short-circuit
current
VO = 0V to VCC
795
mA
Table 6.
DC electrical characteristics (continued)
(VCC = 5 V ± 5 %, TA = TMIN to TMAX, unless otherwise specified. Typical values are referred
to TA = 25 °C) (See Note 1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 7.
Driver switching characteristics
(VCC = 5V ± 5%, TA = TMIN to TMAX, unless otherwise specified. Typical values are referred
to TA = 25°C) (See Note 1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation delay input to
output
RDIFF = 54Ω, CL1 = CL2 = 100pF
(See Figure 4 and Figure 6)
10
30
60
ns
tSK
Output skew to output
RDIFF = 54Ω, CL1 = CL2 = 100pF
(See Figure 4 and Figure 6)
510
ns
tTLH
tTHL
Rise or fall time
RDIFF = 54Ω, CL1 = CL2 = 100pF
(See Figure 4 and Figure 6)
315
40
ns
tPZH
Output enable time
CL = 100pF, S2 = Closed
(See Figure 5 and Figure 7)
40
70
ns
tPZL
Output enable time
CL = 100pF, S1 = Closed
(See Figure 5 and Figure 7)
40
70
ns
tPLZ
Output disable time
CL = 15pF, S1 = Closed
(See Figure 5 and Figure 7)
40
70
ns
tPHZ
Output disable time
CL = 15pF, S2 = Closed
(See Figure 5 and Figure 7)
40
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com