전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA321MPL1TR 데이터시트(PDF) 66 Page - STMicroelectronics

부품명 STA321MPL1TR
상세설명  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR 데이터시트(HTML) 66 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 62Page - STMicroelectronics STA321MPL1TR Datasheet HTML 63Page - STMicroelectronics STA321MPL1TR Datasheet HTML 64Page - STMicroelectronics STA321MPL1TR Datasheet HTML 65Page - STMicroelectronics STA321MPL1TR Datasheet HTML 66Page - STMicroelectronics STA321MPL1TR Datasheet HTML 67Page - STMicroelectronics STA321MPL1TR Datasheet HTML 68Page - STMicroelectronics STA321MPL1TR Datasheet HTML 69Page - STMicroelectronics STA321MPL1TR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA321MPL1
66/80
DocID029389 Rev 1
Table 14. Threshold configuration
6.5.7
Recombination control register 11, 12, and 13 (0x68; 0x69; 0x6A)
Index
dB
Index
dB
Index
dB
Index
dB
Index
dB
Index
dB
0x00
0
0x0B
-11
0x16
-22
0x21
-33
0x2C
-44
0x37
-55
0x01
-1
0x0C
-12
0x17
-23
0x22
-34
0x2D
-45
0x38
-56
0x02
-2
0x0D
-13
0x18
-24
0x23
-35
0x2E
-46
0x39
-57
0x03
-3
0x0E
-14
0x19
-25
0x24
-36
0x2F
-47
0x3A
-58
0x04
-4
0x0F
-15
0x1A
-26
0x25
-37
0x30
-48
0x3B
-59
0x05
-5
0x10
-16
0x1B
-27
0x26
-38
0x31
-49
0x3C
-60
0x06
-6
0x11
-17
0x1C
-28
0x27
-39
0x32
-50
0x3D
-61
0x07
-7
0x12
-18
0x1D
-29
0x28
-40
0x33
-51
0x3E
-62
0x08
-8
0x13
-19
0x1E
-30
0x29
-41
0x34
-52
0x3F
-63
0x09
-9
0x14
-20
0x1F
-31
0x2A
-42
0x35
-53
0x0A
-10
0x15
-21
0x20
-32
0x2B
-43
0x36
-54
D7
D6
D5
D4
D3
D2
D1
D0
CH1TH_H[5:0]
00
011
01
1
D7
D6
D5
D4
D3
D2
D1
D0
CH2TH_H[5:0]
00
011
01
1
D7
D6
D5
D4
D3
D2
D1
D0
CH3TH_H[5:0]
00
011
01
1
Bit
RW
RST
Name
Description
7RW
0
Reserved
6RW
0
5RW
0
CHxHCT[5:0]
see Table 14
4RW
1
3RW
1
2RW
0
1RW
1
0RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80