전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA321MPL1TR 데이터시트(PDF) 73 Page - STMicroelectronics

부품명 STA321MPL1TR
상세설명  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR 데이터시트(HTML) 73 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 69Page - STMicroelectronics STA321MPL1TR Datasheet HTML 70Page - STMicroelectronics STA321MPL1TR Datasheet HTML 71Page - STMicroelectronics STA321MPL1TR Datasheet HTML 72Page - STMicroelectronics STA321MPL1TR Datasheet HTML 73Page - STMicroelectronics STA321MPL1TR Datasheet HTML 74Page - STMicroelectronics STA321MPL1TR Datasheet HTML 75Page - STMicroelectronics STA321MPL1TR Datasheet HTML 76Page - STMicroelectronics STA321MPL1TR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
DocID029389 Rev 1
73/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
rmsZMx
rmsZMH
rmsZML
D7
D6
D5
D4
D3
D2
D1
D0
RZM15
RZM14
RZM13
RZM12
RZM11
RZM10
RZM9
RZM8
00
000
00
0
RZM7
RZM6
RZM5
RZM4
RZM3
RZM2
RZM1
RZM0
00
000
00
0
Bit
RW
RST
Name
Description
7R
RZM15
RMS zero-detect level register, H
6R
RZM14
5R
RZM13
4R
RZM12
3R
RZM11
2R
RZM10
1R
RZM9
0R
RZM8
Bit
RW
RST
Name
Description
7R
RZM7
RMS zero detect level register, L
6R
RZM6
5R
RZM5
4R
RZM4
3R
RZM3
2R
RZM2
1R
RZM1
0R
RZM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80