| 전자부품 데이터시트 검색엔진 |
|
STA333SML 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA333SML 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 17 page ![]() DocID025317 Rev 2 11/17 STA333SML Electrical specifications 17 3.8 Serial audio interface description 3.8.1 Serial audio interface protocols The STA333SML serial audio input was designed to interface with standard digital audio components and to accept I²S formats. The STA333SML always acts as a slave when receiving audio input from standard digital audio components. Serial data for two channels is provided using 3 input pins: left/right clock LRCKI (pin B4), serial clock BICKI (pin C4), and serial data SDI (pin A5). The available formats are shown in Figure 6, Figure 7 and Figure 8. Figure 6. I²S -16 fs Figure 7. I²S - 24fs Figure 8. I²S - 32fs LRCKI Left Channel Right Channel 16 Clks 16 Clks BICKI 14 8 0 14 8 SDI 0 LRCKI Left Channel Right Channel 24 Clks 24 Clks BICKI 22 11 0 19 15 0 7 0 22 11 SDI 0 19 15 0 11 0 LRCKI Left Channel Right Channel 32 Clks 32 Clks BICKI 23 8 0 19 15 0 4 0 23 8 19 15 0 4 0 SDI 0 |