전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA333SML 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STA333SML
상세설명  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SML 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STA333SML Datasheet HTML 9Page - STMicroelectronics STA333SML Datasheet HTML 10Page - STMicroelectronics STA333SML Datasheet HTML 11Page - STMicroelectronics STA333SML Datasheet HTML 12Page - STMicroelectronics STA333SML Datasheet HTML 13Page - STMicroelectronics STA333SML Datasheet HTML 14Page - STMicroelectronics STA333SML Datasheet HTML 15Page - STMicroelectronics STA333SML Datasheet HTML 16Page - STMicroelectronics STA333SML Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
STA333SML
14/17
DocID025317 Rev 2
Table 8. CSP 5x6 array package dimensions
Symbol
mm
Min.
Typ.
Max.
A
0.585
0.65
0.715
A1
0.210
0.25
0.29
A2
0.38
0.4
0.42
b
0.265
0.315
0.365
D
2.52
2.57
2.62
D1
2
E
3.19
3.24
3.29
E1
2.5
e
0.45
0.5
0.55
se
0.2
0.25
0.3
fD
0.277
0.285
0.293
fE
0.362
0.370
0.378
ccc
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17