| 전자부품 데이터시트 검색엔진 |
|
STA559BW 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA559BW 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 67 page ![]() DocID18190 Rev 2 57/67 STA559BW Register description 67 User-defined EQ The STA559BW can be programmed for four EQ filters (biquads) per each of the two input channels. The biquads use the following equation: Y[n] = 2 * (b0 / 2) * X[n] + 2 * (b1 / 2) * X[n-1] + b2 * X[n-2] - 2 * (a1 / 2) * Y[n-1] - a2 * Y[n-2] = b0 * X[n] + b1 * X[n-1] + b2 * X[n-2] - a1 * Y[n-1] - a2 * Y[n-2] where Y[n] represents the output and X[n] represents the input. Multipliers are 24-bit signed fractional multipliers, with coefficient values in the range of 0x800000 (-1) to 0x7FFFFF (0.9999998808). 40 0x28 Channel 1/2 - Biquad 5 or 8 for XO = 000 High-pass 2nd order filter for XO 000 C12H0(b1/2) 0x000000 41 0x29 C12H1(b2) 0x000000 42 0x2A C12H2(a1/2) 0x000000 43 0x2B C12H3(a2) 0x000000 44 0x2C C12H4(b0/2) 0x400000 45 0x2D Channel 3 - Biquad for XO = 000 Low-pass 2nd order filter for XO 000 C3H0(b1/2) 0x000000 46 0x2E C3H1(b2) 0x000000 47 0x2F C3H2(a1/2) 0x000000 48 0x30 C3H3(a2) 0x000000 49 0x31 C3H4(b0/2) 0x400000 50 0x32 Channel 1 - Prescale C1PreS 0x7FFFFF 51 0x33 Channel 2 - Prescale C2PreS 0x7FFFFF 52 0x34 Channel 1 - Postscale C1PstS 0x7FFFFF 53 0x35 Channel 2 - Postscale C2PstS 0x7FFFFF 54 0x36 Channel 3 - Postscale C3PstS 0x7FFFFF 55 0x37 TWARN/OC - Limit TWOCL 0x5A9DF7 56 0x38 Channel 1 - Mix 1 C1MX1 0x7FFFFF 57 0x39 Channel 1 - Mix 2 C1MX2 0x000000 58 0x3A Channel 2 - Mix 1 C2MX1 0x000000 59 0x3B Channel 2 - Mix 2 C2MX2 0x7FFFFF 60 0x3C Channel 3 - Mix 1 C3MX1 0x400000 61 0x3D Channel 3 - Mix 2 C3MX2 0x400000 62 0x3E Unused - - 63 0x3F Unused - - Table 71. RAM block for biquads, mixing, scaling, bass management (continued) Index (Decimal) Index (Hex) Description Coefficient Default |