전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STOD14PUR 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STOD14PUR
상세설명  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14PUR 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STOD14PUR Datasheet HTML 3Page - STMicroelectronics STOD14PUR Datasheet HTML 4Page - STMicroelectronics STOD14PUR Datasheet HTML 5Page - STMicroelectronics STOD14PUR Datasheet HTML 6Page - STMicroelectronics STOD14PUR Datasheet HTML 7Page - STMicroelectronics STOD14PUR Datasheet HTML 8Page - STMicroelectronics STOD14PUR Datasheet HTML 9Page - STMicroelectronics STOD14PUR Datasheet HTML 10Page - STMicroelectronics STOD14PUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
STOD14
Electrical characteristics
Doc ID 023562 Rev 1
7/22
4
Electrical characteristics
TA = 25 °C, VINA = VINP = 9.0 V, IO1,2 = 150 mA, CIN = 10 µF, CO1,2 = 22 µF, CREF = 1 µF,
L1 = 4.7 µH, L2 = 4.7 µH, VEN = High, VO1 = 4.6 V, VO2 = - 4.9 V, unless otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
range
TA = - 40 to 85 °C
6
13
V
UVLO_H
Undervoltage lockout
HIGH
VINA rising, TA = -40 to 85 °C
5
5.2
V
UVLO_L
Undervoltage lockout
LOW
VINA falling, TA = -40 to 85 °C
4.6
4.8
V
I_VI
Input current
No load condition (I_VI = IINA + IINP)30
mA
IQ_SH
Shutdown current
VEN = GND, (IQ_SH = IINA + IINP)5
µA
VEN H
Enable HIGH threshold
VINA = 6 V to 13 V, TA = -40 to 85 °C
1.2
V
VEN L
Enable LOW threshold
VINA = 6 V to 13 V, TA = -40 to 85 °C
0.4
V
IEN
Enable input current
VEN = VIN
1µA
FSW
Frequency
PWM mode, TA = -40 to 85 °C
1.44
1.6
1.76
MHz
D1MAX
Step-down maximum
duty cycle
No load
90
%
D2MAX
Inverting maximum duty
cycle
No load
90
%
η
Total system efficiency
IO1,2 = 10 to 150 mA
VO1=4.6 V, VO2=-4.9 V
see figure
%
IO1,2 =150 to 700 mA
VO1=4.6 V, VO2=-4.9 V
85
%
VREF
Voltage reference
IREF = 10 μA
1.198
1.211
1.222
V
IREF
Voltage reference
current capability
At VREF = VREF – 1.5%
100
µA
Step-down converter section
VO1
Output voltage
VINA=6 V to 13 V, IO1=5 mA to 700
mA, TA=-40 °C to 85 °C
4.55
4.6
4.65
V
ΔV
O1 SL
Static line regulation (1)
VINA=6 V to 13 V, IO1=5 mA IO2 no
load; TA=-40 °C to 85 °C
0.5
%
VINA=6 V to 13 V, IO1=700 mA IO2 no
load, TA=-40 °C to 85 °C
0.5
ΔV
O1
Static load regulation (2)
IO1=5 to 700 mA, IO2 no load, VINA=6
V; TA=-40 °C to 85 °C
1
%
IO1=5 to 700 mA, IO2 no load,
VINA=13 V; TA=-40 °C to 85 °C
1
IO1
Maximum step-down
output current
VI=6 V to 13 V
700
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com