전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STOD14PUR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STOD14PUR
상세설명  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14PUR 데이터시트(HTML) 1 Page - STMicroelectronics

  STOD14PUR Datasheet HTML 1Page - STMicroelectronics STOD14PUR Datasheet HTML 2Page - STMicroelectronics STOD14PUR Datasheet HTML 3Page - STMicroelectronics STOD14PUR Datasheet HTML 4Page - STMicroelectronics STOD14PUR Datasheet HTML 5Page - STMicroelectronics STOD14PUR Datasheet HTML 6Page - STMicroelectronics STOD14PUR Datasheet HTML 7Page - STMicroelectronics STOD14PUR Datasheet HTML 8Page - STMicroelectronics STOD14PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
August 2012
Doc ID 023562 Rev 1
1/22
22
STOD14
700 mA dual DC-DC converter for powering AMOLED displays
Datasheet — production data
Features
■ Step-down and inverter converters
■ Operating input voltage range from 6 V to 13 V
■ Synchronous rectification for both converters
■ 700 mA output current
■ Fixed positive voltage 4.6 V
■ Programmable negative voltage by SWIRE from
- 2.4 V to - 6.0 V
■ Typical efficiency 85%
■ PWM mode controller @ 1.6 MHz switching
frequency
■ Enable pin for shutdown mode
■ Low quiescent current in shutdown mode
■ Soft-start with inrush current protection
■ Short-circuit protection on positive output
■ Overtemperature protection
■ Temperature range - 40 °C to 85 °C
■ True shutdown mode
■ Fast output discharge after shutdown
■ Package DFN 4x4 mm 12 leads 0.75 mm
height, 0.5 mm pitch
Applications
■ Digital photo frames
■ Ultra mobile PCs
■ Mobile Internet devices
■ Digital still cameras / camcorders
■ Portable media players / DVD players
Description
The STOD14 is a dual channel DC-DC converter
driver for medium-sized AMOLED display panels.
It integrates a step-down and an inverting
converter in a compact IC design. The excellent
efficiency makes it particularly suitable for battery
operated products. The high frequency operation
allows the value and size of external components
to be reduced.
The positive output voltage is fixed at 4.6 V with
very high current capability and is generated
using a buck converter. The negative output is
programmable by an external MCU through a
dedicated pin which implements single-wire
protocol, with values from - 2.4 to - 6.0 V.
Soft-start with controlled inrush current limit, load
disconnect and thermal shutdown are integrated
functions of the device.
DFN12L (4 x 4 mm)
Table 1.
Device summary
Order code
Positive voltage
Negative voltage
Package
Packaging
STOD14PUR
4.6 V
- 2.4 V to - 6.0 V
DFN12L (4 x 4 mm)
3000 parts per reel
www.st.com


유사한 부품 번호 - STOD14PUR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
Step-up and inverting DC-DC converter
31-Aug-2007
STOD1412PUR STMICROELECTRONICS-STOD1412PUR Datasheet
532Kb / 21P
Step-up and inverting DC-DC converter
31-Aug-2007
More results

유사한 설명 - STOD14PUR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com