| 전자부품 데이터시트 검색엔진 |
|
12F508 데이터시트(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
12F508 데이터시트(HTML) 25 Page - Microchip Technology |
|
25 / 98 page ![]() 2004 Microchip Technology Inc. Preliminary DS41236A-page 23 PIC12F508/509/16F505 REGISTER 4-4: OPTION REGISTER (PIC16F505) W-1 W-1 W-1 W-1 W-1 W-1 W-1 W-1 RBWU RBPU T0CS T0SE PSA PS2 PS1 PS0 bit 7 bit 0 bit 7 RBWU: Enable Wake-up on Pin Change bit (RB0, RB1, RB3, RB4) 1 = Disabled 0 = Enabled bit 6 RBPU: Enable Weak Pull-ups bit (RB0, RB1, RB3, RB4) 1 = Disabled 0 = Enabled bit 5 T0CS: Timer0 clock Source Select bit 1 = Transition on T0CKI pin (overrides TRIS on the T0CKI pin) 0 = Transition on internal instruction cycle clock, FOSC/4 bit 4 T0SE: Timer0 Source Edge Select bit 1 = Increment on high-to-low transition on the T0CKI pin 0 = Increment on low-to-high transition on the T0CKI pin bit 3 PSA: Prescaler Assignment bit 1 = Prescaler assigned to the WDT 0 = Prescaler assigned to Timer0 bit 2-0 PS<2:0>: Prescaler Rate Select bits Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown 000 001 010 011 100 101 110 111 1 : 2 1 : 4 1 : 8 1 : 16 1 : 32 1 : 64 1 : 128 1 : 256 1 : 1 1 : 2 1 : 4 1 : 8 1 : 16 1 : 32 1 : 64 1 : 128 Bit Value Timer0 Rate WDT Rate |