전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

12F508 데이터시트(PDF) 43 Page - Microchip Technology

부품명 12F508
상세설명  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F508 데이터시트(HTML) 43 Page - Microchip Technology

Back Button 12F508 Datasheet HTML 39Page - Microchip Technology 12F508 Datasheet HTML 40Page - Microchip Technology 12F508 Datasheet HTML 41Page - Microchip Technology 12F508 Datasheet HTML 42Page - Microchip Technology 12F508 Datasheet HTML 43Page - Microchip Technology 12F508 Datasheet HTML 44Page - Microchip Technology 12F508 Datasheet HTML 45Page - Microchip Technology 12F508 Datasheet HTML 46Page - Microchip Technology 12F508 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41236A-page 41
PIC12F508/509/16F505
7.2
Oscillator Configurations
7.2.1
OSCILLATOR TYPES
The PIC12F508/509/16F505 devices can be operated
in up to six different oscillator modes. The user can
program up to three configuration bits (FOSC<1:0>
[PIC12F508/509], FOSC<2:0> [PIC16F505]). To select
one of these modes:
• LP:
Low-Power Crystal
• XT:
Crystal/Resonator
• HS:
High-Speed Crystal/Resonator
(PIC16F505 only)
• INTRC:
Internal 4 MHz Oscillator
• EXTRC: External Resistor/Capacitor
• EC:
External High-Speed Clock Input
(PIC16F505 only)
7.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In HS (PIC16F505), XT or LP modes, a crystal or
ceramic resonator is connected to the (GP5/RB5)/
OSC1/(CLKIN) and (GP4/RB4)/OSC2/(CLKOUT) pins
to establish oscillation (Figure 7-1). The PIC12F508/
509/16F505 oscillator designs require the use of a
parallel cut crystal. Use of a series cut crystal may give
a
frequency
out
of
the
crystal
manufacturers
specifications. When in HS (PIC16F505), XT or LP
modes, the device can have an external clock source
drive the (GP5/RB5)/OSC1/CLKIN pin (Figure 7-2).
FIGURE 7-1:
CRYSTAL OPERATION
(OR CERAMIC
RESONATOR)
(HS, XT OR LP OSC
CONFIGURATION)
FIGURE 7-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR
LP OSC
CONFIGURATION)
TABLE 7-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS –
PIC12F508/509/16F505(1)
Note 1: This device has been designed to per-
form to the parameters of its data sheet.
It has been tested to an electrical
specification designed to determine its
conformance with these parameters.
Due
to
process
differences
in
the
manufacture of this device, this device
may have different performance charac-
teristics than its earlier version. These
differences may cause this device to
perform differently in your application
than the earlier version of this device.
2: The user should verify that the device
oscillator
starts
and
performs
as
expected. Adjusting the loading capacitor
values and/or the Oscillator mode may
be required.
Osc
Type
Resonator
Freq
Cap. Range
C1
Cap. Range
C2
XT
4.0 MHz
30 pF
30 pF
HS(2)
16 MHz
10-47 pF
10-47 pF
Note 1:
These values are for design guidance
only. Since each resonator has its own
characteristics, the user should consult
the resonator manufacturer for
appropriate values of external
components.
2:
PIC16F505 only.
Note
1:
See Capacitor Selection tables for
recommended values of C1 and C2.
2:
A series resistor (RS) may be required for AT
strip cut crystals.
3:
RF approx. value = 10 M
Ω.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To internal
logic
RS(2)
PIC12F508/509
PIC16F505
Clock from
ext. system
OSC1
OSC2
PIC16F505
Open
PIC12F508/509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com