전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P4802ACMC 데이터시트(PDF) 165 Page - Teccor Electronics

부품명 P4802ACMC
상세설명  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TECCOR [Teccor Electronics]
홈페이지  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC 데이터시트(HTML) 165 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 161Page - Teccor Electronics P4802ACMC Datasheet HTML 162Page - Teccor Electronics P4802ACMC Datasheet HTML 163Page - Teccor Electronics P4802ACMC Datasheet HTML 164Page - Teccor Electronics P4802ACMC Datasheet HTML 165Page - Teccor Electronics P4802ACMC Datasheet HTML 166Page - Teccor Electronics P4802ACMC Datasheet HTML 167Page - Teccor Electronics P4802ACMC Datasheet HTML 168Page - Teccor Electronics P4802ACMC Datasheet HTML 169Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 212 page
background image
Construction and Operation
© 2002 Teccor Electronics
5 - 3
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Construction and Operation
SIDACtor devices are thyristor devices used to protect sensitive circuits from electrical
disturbances caused by lightning-induced surges, inductive-coupled spikes, and AC power
cross conditions. The unique structure and characteristics of the thyristor are used to create
an overvoltage protection device with precise and repeatable turn-on characteristics with
low voltage overshoot and high surge current capabilities.
Key Parameters
Key parameters for SIDACtor devices are VDRM, IDRM, VS, IH, and VT, as shown in Figure 5.1.
VDRM is the repetitive peak off-state voltage rating of the device (also known as stand-off
voltage) and is the continuous peak combination of AC and DC voltage that may be applied
to the SIDACtor device in its off-state condition. IDRM is the maximum value of leakage
current that results from the application of VDRM. Switching voltage (VS) is the maximum
voltage that subsequent components may be subjected to during a fast-rising (100 V/µs)
overvoltage condition. Holding current (IH) is the minimum current required to maintain the
device in the on state. On-state voltage (VT) is the maximum voltage across the device
during full conduction.
Figure 5.1 V-I Characteristics
Operation
The SIDACtor device operates much like a switch. In the off state, the device exhibits
leakage currents (IDRM) less than 5 µA, making it invisible to the circuit it is protecting. As a
transient voltage exceeds the SIDACtor device’s VDRM, the device begins to enter its
protective mode with characteristics similar to an avalanche diode. When supplied with
enough current (IS), the SIDACtor device switches to an on state, shunting the surge from
the circuit it is protecting. While in the on state, the SIDACtor device is able to sink large
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com