전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P4802ACMC 데이터시트(PDF) 168 Page - Teccor Electronics

부품명 P4802ACMC
상세설명  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TECCOR [Teccor Electronics]
홈페이지  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC 데이터시트(HTML) 168 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 164Page - Teccor Electronics P4802ACMC Datasheet HTML 165Page - Teccor Electronics P4802ACMC Datasheet HTML 166Page - Teccor Electronics P4802ACMC Datasheet HTML 167Page - Teccor Electronics P4802ACMC Datasheet HTML 168Page - Teccor Electronics P4802ACMC Datasheet HTML 169Page - Teccor Electronics P4802ACMC Datasheet HTML 170Page - Teccor Electronics P4802ACMC Datasheet HTML 171Page - Teccor Electronics P4802ACMC Datasheet HTML 172Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 212 page
background image
SIDACtor Device Selection Criteria
http://www.teccor.com
5 - 6
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
The maximum available surge current is calculated by dividing the peak surge voltage (VPK)
by the total circuit resistance (RTOTAL):
IPK(available) = VPK/RTOTAL
For longitudinal surges (Tip-Ground, Ring-Ground), RTOTAL is calculated for both Tip and
Ring:
RSOURCE = VPK/IPK
RTOTAL = RTIP + RSOURCE
RTOTAL = RRING + RSOURCE
For metallic surges (Tip-Ring):
RSOURCE = VPK/IPK
RTOTAL = RTIP + RRING + RSOURCE
Example 1:
A modem manufacturer must pass the Type A surge requirement of TIA-968 (formerly
known as FCC Part 68) without any series resistance.
IPK = 100 A, 10x560 µs
IPP
³ 100 A, 10x560 µs
Therefore, either a “B” rated or “C” rated SIDACtor device would be selected.
Example 2:
A line card manufacturer must pass the surge requirements of GR 1089 with 30
W on Tip
and 30
W on Ring.
IPK = 100 A, 10x1000 µs
VPK = 1000 V
RSOURCE = VPK/IPK = 10
W
RTOTAL = RSOURCE + RTIP = 40
W
IPK (available) = VPK/RTOTAL = 1000 V/40
W
\ IPP ³ 25 A
Holding Current (IH)
Because TIA-968 4.4.1.7.3 specifies that registered terminal equipment not exceed
140 mA dc per conductor under short-circuit conditions, the holding current of the SIDACtor
device is set at 150 mA.
For specific design criteria, the holding current (IH) of the SIDACtor device must be greater
than the DC current that can be supplied during an operational and short circuit condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com