전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P4802ACMC 데이터시트(PDF) 169 Page - Teccor Electronics

부품명 P4802ACMC
상세설명  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TECCOR [Teccor Electronics]
홈페이지  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC 데이터시트(HTML) 169 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 165Page - Teccor Electronics P4802ACMC Datasheet HTML 166Page - Teccor Electronics P4802ACMC Datasheet HTML 167Page - Teccor Electronics P4802ACMC Datasheet HTML 168Page - Teccor Electronics P4802ACMC Datasheet HTML 169Page - Teccor Electronics P4802ACMC Datasheet HTML 170Page - Teccor Electronics P4802ACMC Datasheet HTML 171Page - Teccor Electronics P4802ACMC Datasheet HTML 172Page - Teccor Electronics P4802ACMC Datasheet HTML 173Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 212 page
background image
SIDACtor Device Selection Criteria
© 2002 Teccor Electronics
5 - 7
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Off-State Capacitance (CO)
Assuming that the critical point of insertion loss is 70% of the original signal value, the
SIDACtor device can be used in most applications with transmission speeds up to 30 MHz.
For transmission speeds greater than 30 MHz, the new MC series is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com