전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24C64BD 데이터시트(PDF) 4 Page - ACE Technology Co., LTD.

부품명 ACE24C64BD
상세설명  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C64BD 데이터시트(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24C64BD Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ACE24C64BD
Two-wire Serial EEPROM
VER 1.1
4
Pin Descriptions
Device/Page Addresses (A2, A1 and A0):
The A2, A1 and A0 pins are device address inputs that are hard wired for the ACE24C64BD Eight 64K
devices may be addressed on a single bus system (device addressing is discussed in detail under the
Device Addressing section).
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-Read with any number of other open-drain or open- collector devices.
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Write Protect (WP):
The ACE24C64BD has a Write Protect pin that provides hardware data protection. The Write Protect
pin allows normal read/write operations when connected to ground (GND). When the Write Protect pin is
connected to VCC, the write protection feature is enabled and operates as shown in the following Table 2.
WP Pin Status
Part of the Array Protected
ACE24C64BD
At VCC
Full (64K) Array
At GND
Normal Read / Write Operations
Table 2 W rite Protect
Memory Organization
ACE24C64BD, 64K Serial EEPROM:
Internally organized with 256 pages of 32 bytes each, the 64K requires an13-bit data word address for
random word address.
Device Operation
Clock and Data Transitions:
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only
during SCL low time periods (see to Figure 1). Data changes during SCL high periods will indicate a
start or stop condition as defined below.
Start Condition:
A high-to-low transition of SDA with SCL high is a start condition which must precede any other
command (see to Figure 2).
Stop Condition:
A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command
will place the EEPROM in a standby power mode (see to Figure 2).
Acknowledge:
All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a zero to acknowledge that it has received each word. The happens during the ninth
clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com