전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT45F75 데이터시트(PDF) 119 Page - Holtek Semiconductor Inc

부품명 HT45F75
상세설명  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 데이터시트(HTML) 119 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 123Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 190 page
background image
Rev. 1.10
118
De�e��e� 1�� �01�
Rev. 1.10
119
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
I2C Interface
TheI2Cinterfaceisusedtocommunicatewithexternalperipheraldevicessuchassensorsetc.
OriginallydevelopedbyPhilips,itisatwolinelowspeedserialinterfaceforsynchronousserial
datatransfer.Theadvantageofonlytwolinesforcommunication,relativelysimplecommunication
protocolandtheabilitytoaccommodatemultipledevicesonthesamebushasmadeitanextremely
popularinterfacetypeformanyapplications.
De vi ce
Sl av e
De vi ce
Ma st er
De vi ce
Sl av e
VD D
SD A
SC L
I2C Master/Slave Bus Connection
I 2 C Da ta R egi st er
(S IM D)
Sl av e Ad dr es s Re gi st er
(S IM A)
Sh if t Re gi st er
Di re ct io n Co nt ro l
M
U
X
Ad dr es s Ma tc h
HA AS B it
I 2 C In te rr up t
Da ta i n M SB
Da ta O u t MS B
Tr an sm it /R ec ei ve
Co nt ro l Un it
8- bi t D at a Co mp le te
De te ct S ta rt o r St op
Da ta B us
Ad dr es s
Co mp ar at or
TX AK
Re ad /w ri te S la ve
SR W Bi t
HB B Bi t
HT X Bi t
HC F Bi t
D eboun ce
Ci rc ui tr y
SC L Pi n
SD A Pi n
f SY S
SI MD BC 1
&
SI MD BC 0
Ti me -o ut
C ont ro l
SI MT OF
A ddr es s Ma tc h
SI MT OE N
f SU B
I2C Block Diagram
I2C Interface Operation
TheI2Cserialinterfaceisatwolineinterface,aserialdataline,SDA,andserialclockline,SCL.As
manydevicesmaybeconnectedtogetheronthesamebus,theiroutputsarebothopendraintypes.
Forthisreasonitisnecessarythatexternalpull-highresistorsareconnectedtotheseoutputs.Note
thatnochipselectlineexists,aseachdeviceontheI2Cbusisidentifiedbyauniqueaddresswhich
willbetransmittedandreceivedontheI2Cbus.
WhentwodevicescommunicatewitheachotheronthebidirectionalI2Cbus,oneisknownasthe
masterdeviceandoneastheslavedevice.Bothmasterandslavecantransmitandreceivedata,
however,itisthemasterdevicethathasoverallcontrolofthebus.Forthisdevice,whichonly
operatesinslavemode,therearetwomethodsoftransferringdataontheI2Cbus,theslavetransmit
modeandtheslavereceivemode.Thepull-upcontrolfunctionpin-sharedwithSCL/SDApinisstill
applicableevenifI2Cdeviceisactivatedandtherelatedinternalpull-upregistercouldbecontrolled
byitscorrespondingpull-upcontrolregister.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More