| 전자부품 데이터시트 검색엔진 |
|
R5F104LEA 데이터시트(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA 데이터시트(HTML) 13 Page - Renesas Technology Corp |
|
13 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 13 of 208 Aug 12, 2016 1.3.4 40-pin products • 40-pin plastic HWQFN (6 × 6 mm, 0.5 mm pitch) Note Mounted on the 96 KB or more code flash memory products. Caution Connect the REGC pin to VSS pin via a capacitor (0.47 to 1 μF). Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). Remark 3. It is recommended to connect an exposed die pad to VSS. 20 19 18 17 16 15 14 13 12 11 31 32 33 34 35 36 37 38 39 40 exposed die pad P26/ANI6 P25/ANI5 P24/ANI4 P23/ANI3/ANO1 Note P22/ANI2/ANO0 Note P21/ANI1/AVREFM P20/ANI0/AVREFP P01/TO00/RxD1/TRGCLKB/TRJIO0 P00/TI00/TxD1/TRGCLKA/(TRJO0) P120/ANI19/VCOUT0 Note P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0) P30/INTP3/RTC1HZ/SCK00/SCL00/TRJO0 P70/KR0/SCK21/SCL21 P71/KR1/SI21/SDA21 P72/KR2/SO21 P73/KR3 P31/TI03/TO03/INTP4/PCLBUZ0/(TRJIO0) P62/SSI00 P61/SDAA0 P60/SCLA0 1 234 56 78 9 10 3029 28 27 26 25 24 23 22 21 RL78/G14 (Top View) |