| 전자부품 데이터시트 검색엔진 |
|
R5F104LEA 데이터시트(PDF) 183 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA 데이터시트(HTML) 183 Page - Renesas Technology Corp |
|
183 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 183 of 208 Aug 12, 2016 3.6.4 Comparator Note Not usable in sub-clock operation or STOP mode. 3.6.5 POR circuit characteristics Note 1. However, when the operating voltage falls while the LVD is off, enter STOP mode, or enable the reset status using the external reset pin before the voltage falls below the operating voltage range shown in 3.4 AC Characteristics. Note 2. Minimum time required for a POR reset when VDD exceeds below VPDR. This is also the minimum time required for a POR reset from when VDD exceeds below 0.7 V to when VDD exceeds VPOR while STOP mode is entered or the main system clock is stopped through setting bit 0 (HIOSTOP) and bit 7 (MSTOP) in the clock operation status control register (CSC). (TA = -40 to +105°C, 2.4 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) Parameter Symbol Conditions MIN. TYP. MAX. Unit Input voltage range Ivref 0EVDD0 - 1.4 V Ivcmp -0.3 EVDD0 + 0.3 V Output delay td VDD = 3.0 V Input slew rate > 50 mV/ μs Comparator high-speed mode, standard mode 1.2 μs Comparator high-speed mode, window mode 2.0 μs Comparator low-speed mode, standard mode 3.0 5.0 μs High-electric-potential reference voltage VTW+ Comparator high-speed mode, window mode 0.76 VDD V Low-electric-potential ref- erence voltage VTW- Comparator high-speed mode, window mode 0.24 VDD V Operation stabilization wait time tCMP 100 μs Internal reference voltage Note VBGR 2.4 V ≤ VDD ≤ 5.5 V, HS (high-speed main) mode 1.38 1.45 1.50 V (TA = -40 to +105°C, VSS = 0 V) Parameter Symbol Conditions MIN. TYP. MAX. Unit Power on/down reset threshold VPOR Voltage threshold on VDD rising 1.45 1.51 1.57 V VPDR Voltage threshold on VDD falling Note 1 1.44 1.50 1.56 V Minimum pulse width Note 2 TPW 300 μs TPW VPOR VPDR or 0.7 V Supply voltage (VDD) |