전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJCDFP 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 R5F564MJCDFP
상세설명  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJCDFP 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button R5F564MJCDFP Datasheet HTML 3Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 4Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 5Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 6Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 7Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 8Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 9Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 10Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 228 page
background image
RX64M Group
1. Overview
R01DS0173EJ0110 Rev.1.10
Page 7 of 228
Oct 24, 2016
Communication
function
Ethernet controller
(ETHERC)
 2 channels
 Input and output of Ethernet/IEEE 802.3 frames
 Transfer at 10 or 100 Mbps
 Full- and half-duplex modes
 MII (Media Independent Interface) or RMII (Reduced Media Independent Interface) as
defined in IEEE 802.3u
 Detection of Magic PacketsTM*1 or output of a "wake-on-LAN" signal (WOL)
 Compliance with flow control as defined in IEEE 802.3x standards
 Filtering of multicast frames
 Direct transfer of frames between two channels by cut-through
PTP controller for
Ethernet controller
(EPTPC)
 A block compatible with the IEEE 1588 standard is connected to the Ethernet controller
(ETHERC).
 Matching with a time stamp can start counting by MTU3 and the GPT.
DMA controller for
Ethernet controller
(EDMACa)
 3 channels (the round-robin method determines the priority of the channels)
2 channels for ETHERC; 1 channel for EPTPC
 Alleviation of CPU load by the descriptor control method
 Transmission FIFO: 2 Kbytes; Reception FIFO: 4 Kbytes
USB 2.0 FS host/
function module (USBb)
 Includes a UDC (USB Device Controller) and transceiver for USB 2.0 FS
 One port
 Compliance with the USB 2.0 specification
 Transfer rate: Full speed (12 Mbps), low speed (1.5 Mbps) (host only)
 Both self-power mode and bus power are supported
 OTG (On the Go) operation is possible (low-speed is not supported)
 Incorporates 2 Kbytes of RAM as a transfer buffer
 External pull-up and pull-down resistors are not required
USB 2.0 FS host/
function module with
battery charging (USBA)
 Includes a UDC (USB Device Controller) and transceiver for USB 2.0 FS
 One port (only in 176-pin devices)
 Compliance with the USB 2.0 specification
 Transfer rate: Full speed (12 Mbps), low speed (1.5 Mbps) (host only)
 Both self-power mode and bus power are supported
 OTG (On the Go) operation is possible (low-speed is not supported)
 Incorporates 8.5 Kbytes of RAM as a transfer buffer
 External pull-up and pull-down resistors are not required
Serial communications
interfaces (SCIg, SCIh)
 9 channels (SCIg: 8 channels + SCIh: 1 channel)
 SCIg
Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Average transfer rate clock can be input from TMR timers for SCI5, SCI6, and SCI12
Start-bit detection: Level or edge detection is selectable.
Simple I2C
Simple SPI
9-bit transfer mode
Bit rate modulation
Double-speed mode
Event linking by the ELC (only on channel 5)
 SCIh (The following functions are added to SCIg)
Supports the serial communications protocol, which contains the start frame and
information frame
Supports the LIN format
Serial communications
interface with FIFO
(SCIFA)
 4 channels
 Methods of transfer: Asynchronous and clock synchronous
 Desired bit rates can be selected from the internal baud rate generators.
 LSB or MSB first is selectable.
 Both the transmission and reception sections are equipped with 16-byte FIFO buffers,
allowing continuous transmission and reception.
 Bit rate modulation
 Double-speed mode
Table 1.1
Outline of Specifications (6/9)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com