전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJCDFP 데이터시트(PDF) 91 Page - Renesas Technology Corp

부품명 R5F564MJCDFP
상세설명  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJCDFP 데이터시트(HTML) 91 Page - Renesas Technology Corp

Back Button R5F564MJCDFP Datasheet HTML 87Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 88Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 89Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 90Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 91Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 92Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 93Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 94Page - Renesas Technology Corp R5F564MJCDFP Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 91 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 9134h
S12AD1 A/D Data Register 10
ADDR10
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9136h
S12AD1 A/D Data Register 11
ADDR11
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9138h
S12AD1 A/D Data Register 12
ADDR12
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 913Ah
S12AD1 A/D Data Register 13
ADDR13
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 913Ch
S12AD1 A/D Data Register 14
ADDR14
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 913Eh
S12AD1 A/D Data Register 15
ADDR15
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9140h
S12AD1 A/D Data Register 16
ADDR16
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9142h
S12AD1 A/D Data Register 17
ADDR17
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9144h
S12AD1 A/D Data Register 18
ADDR18
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9146h
S12AD1 A/D Data Register 19
ADDR19
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9148h
S12AD1 A/D Data Register 20
ADDR20
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9160h
S12AD1 A/D Sampling State Register 0
ADSSTR0
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9161h
S12AD1 A/D Sampling State Register L
ADSSTRL
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9170h
S12AD1 A/D Sampling State Register T
ADSSTRT
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9171h
S12AD1 A/D Sampling State Register O
ADSSTRO
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9173h
S12AD1 A/D Sampling State Register 1
ADSSTR1
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9174h
S12AD1 A/D Sampling State Register 2
ADSSTR2
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9175h
S12AD1 A/D Sampling State Register 3
ADSSTR3
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9176h
S12AD1 A/D Sampling State Register 4
ADSSTR4
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9177h
S12AD1 A/D Sampling State Register 5
ADSSTR5
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9178h
S12AD1 A/D Sampling State Register 6
ADSSTR6
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9179h
S12AD1 A/D Sampling State Register 7
ADSSTR7
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 917Ah
S12AD1 A/D Disconnection Detection Control Register
ADDISCR
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9180h
S12AD1 A/D Group Scan Priority Control Register
ADGSPCR
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9184h
S12AD1 A/D Data Duplication Register A
ADDBLDRA
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9186h
S12AD1 A/D Data Duplication Register B
ADDBLDRB
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9190h
S12AD1 A/D Compare Control Register
ADCMPCR
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9192h
S12AD1 A/D Compare Channel Select Extended Register
ADCMPANSE
R
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9193h
S12AD1 A/D Compare Level Extended Register
ADCMPLER
8
8
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9194h
S12AD1 A/D Compare Channel Select Register 0
ADCMPANSR
0
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
0008 9196h
S12AD1 A/D Compare Channel Select Register 1
ADCMPANSR
1
16
16
2, 3 PCLKB
2 ICLK
S12AD
C
Table 4.1
List of I/O Registers (Address Order) (20 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com