전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8524 데이터시트(PDF) 6 Page - Cirrus Logic

부품명 WM8524
상세설명  24-bit 192kHz Stereo DAC with 2Vrms
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8524 데이터시트(HTML) 6 Page - Cirrus Logic

Back Button WM8524 Datasheet HTML 2Page - Cirrus Logic WM8524 Datasheet HTML 3Page - Cirrus Logic WM8524 Datasheet HTML 4Page - Cirrus Logic WM8524 Datasheet HTML 5Page - Cirrus Logic WM8524 Datasheet HTML 6Page - Cirrus Logic WM8524 Datasheet HTML 7Page - Cirrus Logic WM8524 Datasheet HTML 8Page - Cirrus Logic WM8524 Datasheet HTML 9Page - Cirrus Logic WM8524 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
WM8524
Production Data
w
PD, Rev 4.1, October 2011
6
ELECTRICAL CHARACTERISTICS
Test Conditions
LINEVDD=AVDD=3.3V, LINEGND=AGND=0V, TA=+25
°C, Slave Mode, fs=48kHz, MCLK=256fs, 24-bit data, unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Output Levels
Output Level
0dBFS
1.89
2.1
2.31
Vrms
Load Impedance
1
kΩ
Load Capacitance
No external RC filter
300
pF
With filter shown in
Figure 16
1
µF
DAC Performance
Signal to Noise Ratio
SNR
RL = 10kΩ
A-weighted
106
dB
RL = 10kΩ
Un-weighted
104
dB
Dynamic Range
DNR
RL = 10kΩ
A-weighted
104
dB
Total Harmonic Distortion
THD
-1dBFS
-89
dB
0dBFS
-86
dB
AVDD + LINEVDD
Power Supply Rejection Ratio
PSRR
100Hz
54
dB
1kHz
54
dB
20kHz
50
dB
Channel Separation
1kHz
100
dB
20Hz to 20kHz
95
dB
System Absolute Phase
0
degrees
Channel Level Matching
0.1
dB
Mute Attenuation
-120
dB
DC Offset at LINEVOUTL and
LINEVOUTR
-1
0
1
mV
Digital Logic Levels
Input HIGH Level
VIH
0.7
LINEVDD
V
Input LOW Level
VIL
0.3
LINEVDD
V
Input Capacitance
10
pF
Input Leakage
-0.9
0.9
A
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the maximum theoretical full scale
output signal and the output with no input signal applied.
2.
Total Harmonic Distortion (dB) – THD is the level of the rms value of the sum of harmonic distortion products relative to
the amplitude of the measured output signal.
3.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to
use such a filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The
low pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.
4.
Mute Attenuation – This is a measure of the difference in level between the full scale output signal and the output with
mute applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com