| 전자부품 데이터시트 검색엔진 |
|
CS5490 데이터시트(PDF) 46 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 데이터시트(HTML) 46 Page - Cirrus Logic |
|
46 / 57 page ![]() CS5490 46 DS982F3 6.6.33 Active Power (PAVG) – Page 16, Address 5 Default = 0x00 0000 Instantaneous power is averaged over each low-rate interval (SampleCount samples) and then added with power offset (POFF) to compute active power (PAVG). This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.34 RMS Current (IRMS) – Page 16, Address 6 Default = 0x00 0000 IRMS contains the root mean square (RMS) values of I, calculated during each low-rate interval. This is an unsigned value in the range of 0 value1.0, with the binary point to the left of the MSB. 6.6.35 RMS Voltage (VRMS) – Page 16, Address 7 Default = 0x00 0000 VRMS contains the root mean square (RMS) value of V, calculated during each low-rate interval. This is an unsigned value in the range of 0 value1.0, with the binary point to the left of the MSB. 6.6.36 Reactive Power (QAvg) – Page 16, Address 14 Default = 0x00 0000 Reactive power (QAVG) is Q averaged over each low-rate interval (SampleCount samples) and corrected by QOFF. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |