| 전자부품 데이터시트 검색엔진 |
|
CS5490 데이터시트(PDF) 37 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 데이터시트(HTML) 37 Page - Cirrus Logic |
|
37 / 57 page ![]() CS5490 DS982F3 37 6.6.8 Pulse Output Control (PulseCtrl) – Page 0, Address 9 Default = 0x00 0000 This register controls the input to the energy pulse generation (EPG) block. [23:4] Reserved. EPGIN[3:0] Selects the input to the energy pulse generation (EPG) block. 0000 = PAVG (Default) 0001 = Reserved 0010 = PSUM 0011 = QAVG 0100 = Reserved 0101 = QSUM 0110 = S 0111 = Reserved 1000 = SSUM 1001 = Unused ... 1111 = Unused 6.6.9 Register Lock Control (RegLock) – Page 0, Address 34 Default = 0x00 0000 [23:13] Reserved. DSP_LCK[12:8] DSP_LCK[4:0] = 0x16 sets the DSP lockable registers to be write protected from the CS5490 internal calculation engine. Writing 0x09 unlocks the registers. [7:5] Reserved. HOST_LCK[4:0] HOST_LCK[4:0] = 0x16 sets all the registers except RegLock, Status0, Status1, and Status2 to be write protected from the serial interface. Writing 0x09 unlocks the registers. 23 22 21 20 19 18 17 16 -- -- -- -- 15 14 13 12 11 10 9 8 0 000 00 00 7 654 32 10 0 0 0 0 EPGIN[3] EPGIN[2] EPGIN[1] EPGIN[0] 23 22 21 20 19 18 17 16 -- -- -- -- 15 14 13 12 11 10 9 8 - - - DSP_LCK[4] DSP_LCK[3] DSP_LCK[2] DSP_LCK[1] DSP_LCK[0] 7 654 32 10 - - - HOST_LCK[4] HOST_LCK[3] HOST_LCK[2] HOST_LCK[1] HOST_LCK[0] |