| 전자부품 데이터시트 검색엔진 |
|
DHF-RAA10-223NB-FA 데이터시트(PDF) 3 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
DHF-RAA10-223NB-FA 데이터시트(HTML) 3 Page - DDK Ltd. |
|
3 / 3 page ![]() Unit:mm DHF Series http://www.ddknet.co.jp ◎ Specifications and/or dimenssions in this catalogue are subject to change without notice. Your catalogue checking the latest speifications with our drawings would be highly appreciated. ○ Right Angle Receptacle Part Number Number of Contact A B C E F G I J DHF-RAA10- □□□ NB-FA 10 17.08 10.50 22.75 5.08 12.70 11.60 8.89 12.67 DHF-RAA20- □□□ NB-FA 20 23.43 16.85 29.10 11.43 19.05 17.95 15.24 19.02 Mounting Style 1: M2X0.4 Tapped Ground Tab 3: Board Lock(PCB Thickness1.6) Mating Style R: Receptacle Connector Style AA: Right Angle DIP Panel Mounting Screw B: Lock Screw, Panel Thickness0.6±0.05 〜 0.8±0.05 Tail Cover N: Less Cover FA: Lead Free 3 DHF-RAA10-131NB-FA Contact Plating 1 Contact Area: Au(0.76 μ m) over Ni Plating Tail Area: Sn-Ag Plating 2 Contact AREA: Au(0.25 μ m) over Ni Plating Tail Area: Sn-Ag Plating 3 Contact Area: Au(Flash) over Ni Plating Tail Area: Sn-Ag Plating Applicable PCB Thickness 1: 0.8±0.1 〜 1.0±0.1 2: 1.6±0.19 Number of Contact 10, 20 A B C 17.02 4.205 Panel Locator Pin Lock Screw Φ4 E F F0.05 Location Hole A0.05 A0.1 J0.1 G0.1 40.1 0.8 0.1∼1.0 0.1 Φ0.7 +0.1 0 Φ2.4 +0.2 0 20 0 -2 R1.250.1 PCB Edge (Interface Side) Pattern Φ2.20.05 Hole Φ0.7 +0.1 0 3.810.05 No.1 Contact I0.08 1.270.08 (E) 1.27 PCB Mounting Dimensions Panel Cut-out Dimensions (Panel Thickness:0.70.15) (View from Mounting Side) 17.02 4.205 Panel Lock Screw DHF-RAA□□-1□□NB-FA 1.6 0.19 (PCB Thickness:1) (PCB Thickness:2) DHF-RAA□□-2□□NB-FA |