전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM151X2 데이터시트(PDF) 20 Page - NXP Semiconductors

부품명 LM151X2
상세설명  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 데이터시트(HTML) 20 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 16Page - NXP Semiconductors LM151X2 Datasheet HTML 17Page - NXP Semiconductors LM151X2 Datasheet HTML 18Page - NXP Semiconductors LM151X2 Datasheet HTML 19Page - NXP Semiconductors LM151X2 Datasheet HTML 20Page - NXP Semiconductors LM151X2 Datasheet HTML 21Page - NXP Semiconductors LM151X2 Datasheet HTML 22Page - NXP Semiconductors LM151X2 Datasheet HTML 23Page - NXP Semiconductors LM151X2 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 20/25
LM151X2
Liquid Crystal Display
Product Specification
15. PRECAUTIONS
Please pay attention to the followings when you use this TFT-LCD module with Back-light unit.
1)You must mount Module using mounting holes arranged in 4 corners.
2) Be sure to turn off the power when connecting or disconnecting the circuit.
3) Note that the polarizers are easily damaged. Pay attention not to scratch or press this surface with
any hard object.
4) When the LCD surface become dirty, please wipe it off with a soft material. (ie. cotton ball)
5) Protect the module from the ESD as it may damage the electronic circuit (C-MOS). Make
certain that treatment person’s body are grounded through wrist bend.
6) Do not disassemble the module and be careful not to incur a mechanical shock that might occur
during installation. It may cause permanent damage.
7) Do not leave the module in high temperatures, particularly in areas of high humidity for a long time.
8) The module not be expose to the direct sunlight.
9) Avoid contact with water as it may a short circuit within the module.
10) Do not apply invalid signal, especially very high frequency data clock and Hsync. Invalid signal causes
improper shutdown of DC/DC converter in LCM or permanent damage to LCD module.
(If DC/DC converter in LCM is in shutdown state, LCM shows only white screen. Then please turn off and
on once LCM power.)
11) If the LCM displays the same pattern continuously for a long period of time, it can be the image
sticking to the screen.
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25