| 전자부품 데이터시트 검색엔진 |
|
CF5009AL4 데이터시트(PDF) 4 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF5009AL4 데이터시트(HTML) 4 Page - Nippon Precision Circuits Inc |
|
4 / 20 page ![]() SM5009 series NIPPON PRECISION CIRCUITS INC.—4 FUNCTIONAL DESCRIPTION Standby Function 5009 AL × series When INH goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance. 5009AH ×, AK×, AN×, CN× series When INH goes LOW, the output on Q becomes high impedance, but internally the oscillator does not stop. Power-save Pull-up Resistance (AL × series only) The INH pull-up resistance changes in response to the input level (HIGH or LOW). When INH goes LOW (standby state), the pull-up resistance becomes large to reduce the current consumption during standby. Current consumption and Output waveform with NPC’s standard crystal Version INH Q Oscillator AL × series HIGH (or open) Any fO , fO/2, fO/4, fO/8, fO/16 or fO/32 output frequency Normal operation LOW High impedance Stopped AH ×, AK×, AN×, CN× series HIGH (or open) Any fO , fO/2, fO/4, fO/8, fO/16 or fO/32 output frequency Normal operation LOW High impedance Normal operation f [MHz] R [ Ω] L [mH] Ca [fF] Cb [pF] 30 17.2 4.36 6.46 2.26 40 16.8 2.90 5.47 2.08 L Ca R Cb |