전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI3A3160 데이터시트(PDF) 6 Page - Pericom Semiconductor Corporation

부품명 PI3A3160
상세설명  3.0V, SOTiny??0.4??Dual SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3160 데이터시트(HTML) 6 Page - Pericom Semiconductor Corporation

  PI3A3160 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8711D
07/21/04
PI3A3160
3.0V, SOTiny0.4Ω
Dual SPDT Analog Switch
Test Circuits/Timing Diagrams
Figure 1. Switching Time
Figure 2. Charge Injection
VCC
VCC
NO
GND
NC
COM
Logic
Input
tr <20ns
tf <20ns
VOUT = VNO
RL
RL + RON
(
)
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT
VOUT
RL
50
CL
35pF
LOGIC INPUT WAVEFORMS INVERTED FOR
SWITCHES THAT HAVE OPPOSITE LOGIC
* 1.5V FOR 3.3V SUPPLY
tOFF
tON
90%
90%
Logic
Input
Switch
Output
VINH
VINL
0V
50%
V
RL
50
CL
35pF
VNO
∆VOUT
VOUT
VOUT
VGEN
Logic
Input
OFF
OFF
OFF
ON
ON
IN
IN
COM
IN
GND
VCC
.1µF
VCC
NC
NO or
OFF
Q = (
∆VOUT)(CL)
CL
1nF
Figure 3. Off Isolation
Figure 4. Crosstalk
VCC
+3.3V
Analyzer
IN
10nF
NC or
NO
COM1
0V to 2.4V
or
0V to 2V
GND
50
50
Analyzer
Signal
Generator
0dBm
COM
10nF
GND
NC
NO
IN
VCC
VCC
50
50



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com