전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI3A3160 데이터시트(PDF) 2 Page - Pericom Semiconductor Corporation

부품명 PI3A3160
상세설명  3.0V, SOTiny??0.4??Dual SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3160 데이터시트(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A3160 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8711D
07/21/04
PI3A3160
3.0V, SOTiny0.4Ω
Dual SPDT Analog Switch
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of
this specification is not implied.
Absolute Maximum Ratings
Voltages Referenced to GND
VCC .................................................................... –0.5V to +3.6V
VIN, VCOM, VNC, VNO (1)............................–0.5V to V+ +0.3V
or 30mA, whichever occurs first
Current (any terminal)................................................... ±200mA
Peak Current, COM, NO, NC
(Pulsed at 1ms, 10% duty cycle)................................... ±400mA
Note 1: Signals on NC, NO, COM, or IN exceeding VCC or GND are clamped by internal diodes. Limit forward diode current to 30mA.
Thermal Information
Continuous Power Dissipation
SOT23 (derate 7.1mW/ºC above +70ºC)............................ 0.5W
Storage Temperature ........................................–65ºC to +150ºC
Lead Temperature (soldering, 10s) ................................. +300ºC
Electrical Specifications - Single +3.3V Supply
(VCC = +3.3V ± 10%, GND = 0V, VIH = 1.4V, VIL = 0.5V)
Parameter
Symbol
Conditions
Temp. (°C) Min.(1)
Typ. (2)
Max. (1) Units
Analog Switch
Analog Signal Range (3)
VANALOG
Full
0
VCC
V
On Resistance
RON
VCC = 2.7V,
ICOM = 100mA,
VNO or VNC = +1.5V
25
0.4
0.45
Full
0.6
On-Resistance Match
Between Channels(4)
∆RON
25
0.08
Full
0.09
On-Resistance Flatness(5) RFLAT(ON)
VCC = 2.7V,
ICOM = 100mA,
VNO or VNC = 0.8V, 2.0V
25
0.1
Full
0.1
NO or NC Off Leakage
Current(6)
INO(OFF) or
INC(OFF)
VCC = 3.3V,
VCOM = 0V,
VNO or VNC = +2.0V
25
-100
100
nA
Full
-400
400
COM On Leakage Cur-
rent(6)
ICOM(ON)
VCC = 3.3V,
VCOM = +2.0V,
VNO or VNC = +2.0V
25
-200
200
Full
-400
400



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com