| 전자부품 데이터시트 검색엔진 |
|
GF9101 데이터시트(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GF9101 데이터시트(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 23 page ![]() 520 - 64 - 7 21 Memory Loading - Serial Run Mode DESCRIPTION SYMBOL MIN MAX UNIT 1LOAD_EN to COEF_WR set up time t1 4ns 2LOAD_EN to COEF_WR hold time t2 6ns 3COEF_WR period t3 4xT ns 4 COEF_DATA(7) to COEF_WR set up time t4 2ns 5 COEF_DATA(7) to COEF_WR hold time t5 6ns DESCRIPTION SYMBOL MIN MAX UNIT 1 ENA to CLK_IN set up time t1 2ns 2 ENA to CLK_IN hold time t2 6ns 3 DATA_A_IN to CLK_IN set up time t3 2ns 4 DATA_A_IN to CLK_IN hold time t4 6ns COEF_DATA (7) COEF_WR LOAD_EN t1 t3 t5 t4 t2 CLK_IN S_LOAD_CMP BIT 1 BIT 2 BIT 3 BIT 15551 BIT 15552 X t1 t2 t3 t4 CLK_IN EN A DATA_A_IN (9-0) DATA_A_OUT (9-0) |