| 전자부품 데이터시트 검색엔진 |
|
XRT4500CV 데이터시트(PDF) 2 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT4500CV 데이터시트(HTML) 2 Page - Exar Corporation |
|
2 / 99 page ![]() áç áç áç áç XRT4500 MULTIPROTOCOL SERIAL NETWORK INTERFACE IC REV. 1.0.7 2 BLOCK DIAGRAM Digital MUX 1 47µF Low ESR -6V 26 -6V Switching Regulator 41 56 52 42 43 +12V Charge Pump 21 22 2.2 µF V SS Vsense V SS _T123 SR_OUT Isense GND_REG CPP CPM 1N5819 47 µH 0.5 Ω - + 16 Decoder Latch 4 5 6 44 XRT4500 MODE & CONFIGURATION CONTROL LOGIC 32 - 64 KHz SLEW RATE CONTROL 45 39 R slew M0 M1 M2 CLKFS SLEW_CNTL Mode Select Echo Clock 34 2 or 3 Clock Select 50 Invert Clock 54 Register 24 Invert Data 55 Loopback Register Mode Clock Input Mode Control 49 REG_CLK REG 2CK/3CK LP CLK INV DT INV EC DEC/DTE 51 VDD_REG VDD RX1B RX1,2,3 RX1D RX1A 2 78 79 RX2D RX1 1 RX8D RX8I 25 23 RX8 Filter GND RX1,2,3 3 RX5B RX5D RX5A 36 33 35 RX5 Filter RX2B RX2A T 77 74 76 RX2 RX3D 73 RX3 RX67D 32 RX4,5,6,7 RX7 RX6 Filter Filter 75 EN_FLTR TX1,2,3 58 VDD_T123 67 TX2D T 64 TX2A 66 CM_TX2 TX2B 65 68 TX3D T 70 TR3A 69 CM_TR3 TR3B 71 8 TX4D 11 TX4A TX4B 10 TX2 TX4 TX3 15 TX5D 12 TX5A TX5B 13 27 TR7 TX7 TX5 GND_T12 60 TX1D T 63 TX1A 61 CM_TX1 TX1B 62 TX1 TX1,2 59 72 GND 9 VDD TX4,5,6,7,8 29 TR6A TR6B 30 TX6 MUX 28 TX76D V.11 (RX1,2,3) Termination 80 EN_TERM Digital MUX 2 46 Glitch Filter 48 EN_OUT MUX E_232H OSCEN 53 TX1,2,3 57 GND RX4,5,6,7,8 7 V SS 17 TX8D 19 TX8O GND 14 TX4,5,6,7,8 TX8 T High Speed RS232 Enable 20 VDD RX4B RX4D RX4A 37 40 38 RX4 Filter V PP + 10 µF 0.1 0.1 0.1 VDD 47 LATCH 18 31 500 KHz CLOCK + - |