전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT4500CV 데이터시트(PDF) 45 Page - Exar Corporation

부품명 XRT4500CV
상세설명  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV 데이터시트(HTML) 45 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 41Page - Exar Corporation XRT4500CV Datasheet HTML 42Page - Exar Corporation XRT4500CV Datasheet HTML 43Page - Exar Corporation XRT4500CV Datasheet HTML 44Page - Exar Corporation XRT4500CV Datasheet HTML 45Page - Exar Corporation XRT4500CV Datasheet HTML 46Page - Exar Corporation XRT4500CV Datasheet HTML 47Page - Exar Corporation XRT4500CV Datasheet HTML 48Page - Exar Corporation XRT4500CV Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
42
1.2.3
The “Diagnostic Operation Indicator
Transceiver” Block
The “Diagnostic Operation Indicator Transceiver”
block contains transceiver TR7, which is composed of
TX7 and RX7, receiver RX8 and transmitter TX8.
These devices may be configured to support the
“Electrical Interface” requirements, per ITU-T V.10
(EIA-423) or ITU-T V.28 (EIA-232). These devices
were specifically designed to support the Local Lock
(LL), Remote Loopback (RL) and RI (or TM) signals.
FIGURE 14. DIAGNOSTIC OPERATION INDICATOR TRANSCEIVER BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99