전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80960JD 데이터시트(PDF) 32 Page - Intel Corporation

부품명 80960JD
상세설명  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD 데이터시트(HTML) 32 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 28Page - Intel Corporation 80960JD Datasheet HTML 29Page - Intel Corporation 80960JD Datasheet HTML 30Page - Intel Corporation 80960JD Datasheet HTML 31Page - Intel Corporation 80960JD Datasheet HTML 32Page - Intel Corporation 80960JD Datasheet HTML 33Page - Intel Corporation 80960JD Datasheet HTML 34Page - Intel Corporation 80960JD Datasheet HTML 35Page - Intel Corporation 80960JD Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
32
Advance Information Datasheet
VSS
G7
VSS
H11
VSS
K7
VSS
L11
VSS
G8
VSS
J4
VSS
K8
WIDTH0
P5
VSS
G9
VSS
J5
VSS
K9
WIDTH1
P6
VSS
G10
VSS
J6
VSS
K10
W/R
N1
VSS
G11
VSS
J7
VSS
K11
XINT0
M11
VSS
H4
VSS
J8
VSS
L5
XINT1
N12
VSS
H5
VSS
J9
VSS
L6
XINT2
M10
VSS
H6
VSS
J10
VSS
L7
XINT3
N13
VSS
H7
VSS
J11
VSS
L8
XINT4
N9
VSS
H8
VSS
K4
VSS
L9
XINT5
P12
VSS
H9
VSS
K5
VSS
L10
XINT6
N11
VSS
H10
VSS
K6
VSS
L4
XINT7
P11
Table 10.
196-Ball MPBGA Pinout — In Signal Order (Sheet 2 of 2)
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78