전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADT7302ARMZ 데이터시트(PDF) 14 Page - Analog Devices

부품명 ADT7302ARMZ
상세설명  Accurate, Micropower Digital Accurate, Micropower Digital
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARMZ 데이터시트(HTML) 14 Page - Analog Devices

Back Button ADT7302ARMZ Datasheet HTML 9Page - Analog Devices ADT7302ARMZ Datasheet HTML 10Page - Analog Devices ADT7302ARMZ Datasheet HTML 11Page - Analog Devices ADT7302ARMZ Datasheet HTML 12Page - Analog Devices ADT7302ARMZ Datasheet HTML 13Page - Analog Devices ADT7302ARMZ Datasheet HTML 14Page - Analog Devices ADT7302ARMZ Datasheet HTML 15Page - Analog Devices ADT7302ARMZ Datasheet HTML 16Page - Analog Devices ADT7302ARMZ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADT7302
Rev. B | Page 13 of 16
The following software program shows how to program a
PIC16F873 to communicate with the ADT7302. The
PIC16F873 is configured as an SPI master with the Port A.1
pin used as CS. Any microchip microcontroller can use this
program by simply exchanging the include file for the device
that is being used.
#include <16F873.h>
#device adc=8
#use delay(clock=4000000)
#fuses NOWDT,XT, PUT, NOPROTECT, BROWNOUT, LVP
#BIT CKP = 0x14.4
#define CS PIN_A1
void main(){
int MSByte,LSByte;
long int ADC_Temp_Code;
float TempVal,ADC_Temp_Code_dec;
setup_spi(spi_master);
//Pic is set up as Master device.
CKP = 1;
//Idle state of clock is high.
do{
delay_ms(10);
//Allow time for conversions.
Output_low(CS);
//Pull CS low.
delay_us(10);
//CS to SCLK setup time.
MSByte = SPI_Read(0);
//The first byte is clocked in.
LSByte = SPI_Read(0);
//The second byte is clocked in.
delay_us(10);
//SCLK to CS setup time.
Output_High(CS);
//Bring CS high.
ADC_Temp_Code = make16(MSByte,LSByte);
//16bit ADC code is stored ADC_Temp_Code.
ADC_Temp_Code_dec = (float)ADC_Temp_Code;
//Convert to float for division.
if ((0x2000 & ADC_Temp_Code) == 0x2000)
//Check sign bit for negative value.
{
TempVal = (ADC_Temp_Code_dec - 16384)/32;
//Conversion formula if negative temperature.
}
else
{
TempVal = (ADC_Temp_Code_dec/32);
//Conversion formula if positive temperature.
}
}while(True);
//Temperature value stored in TempVal.
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17