전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRA67F 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 LRA67F
상세설명  Optical Indicator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRA67F 데이터시트(HTML) 5 Page - OSRAM GmbH

  LRA67F Datasheet HTML 1Page - OSRAM GmbH LRA67F Datasheet HTML 2Page - OSRAM GmbH LRA67F Datasheet HTML 3Page - OSRAM GmbH LRA67F Datasheet HTML 4Page - OSRAM GmbH LRA67F Datasheet HTML 5Page - OSRAM GmbH LRA67F Datasheet HTML 6Page - OSRAM GmbH LRA67F Datasheet HTML 7Page - OSRAM GmbH LRA67F Datasheet HTML 8Page - OSRAM GmbH LRA67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.4
LR A67F
2017-05-18
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
4) page 20
Durchlassspannungsgruppen 4) Seite 20
Dominant Wavelength Groups 3) page 20
Dominant Wellenlängengruppen
3) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 7) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 7) Seite 20
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
U2
560
710
1910
V1
710
900
2420
V2
900
1120
3030
AA
1120
1400
3780
AB
1400
1800
4800
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
E3
1.80
1.95
H3
1.95
2.10
L3
2.10
2.25
P3
2.25
2.40
Group
red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
620
630
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com