전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3353-12 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE3353-12
상세설명  SMA Male to SMA Male Cable 12 Inch Length Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3353-12 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3353-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3353-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3353-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3353-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Jacket Material
PVC, Black
Jacket Diameter
0.1 in [2.54 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
30µ in. Minimum
30µ in. Minimum
Dielectric Type
PTFE
PTFE
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100µ in. Minimum
100µ in. Minimum
Hex Size
5/16 in
5/16 in
Torque
5 in-lbs [0.57 Nm]
5 in-lbs [0.57 Nm]
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. Minimum
100µ in. Minimum
.
Environmental Specifications
Temperature
Operating Range
-40 to +80 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE3353LF-12. Contact Pasternack if product cannot be found.
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3353-12 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable 12 Inch Length Using RG174 Coax PE3353-12
RF Cable Assemblies Technical Data Sheet
PE3353-12
SMA Male to SMA Male Cable 12 Inch Length Using RG174 Coax



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com