전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3353-12 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE3353-12
상세설명  SMA Male to SMA Male Cable 12 Inch Length Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3353-12 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3353-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3353-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3353-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3353-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
30.8 [101.05]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
0.24
0.28
0.34
0.41
0.52
dB
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Length
12 in [304.8 mm]
Diameter
0.312 in [7.92 mm]
.
Weight
0.022 lbs [9.98 g]
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel
Dielectric Type
PE (LD)
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable 12 Inch Length Using RG174 Coax PE3353-12
PE3353-12 REV 1.0
SMA Male to SMA Male Cable 12 Inch Length Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3353-12


유사한 부품 번호 - PE3353-12

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3353-18 PASTERNACK-PE3353-18 Datasheet
366Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG174 Coax
More results

유사한 설명 - PE3353-12

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3353-6 PASTERNACK-PE3353-6 Datasheet
365Kb / 4P
SMA Male to SMA Male Cable 6 Inch Length Using RG174 Coax
PE3353-18 PASTERNACK-PE3353-18 Datasheet
366Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG174 Coax
PE3353-24 PASTERNACK-PE3353-24 Datasheet
365Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG174 Coax
PE3353-48 PASTERNACK-PE3353-48 Datasheet
366Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using RG174 Coax
PE3353-60 PASTERNACK-PE3353-60 Datasheet
366Kb / 4P
SMA Male to SMA Male Cable 60 Inch Length Using RG174 Coax
PE3353-72 PASTERNACK-PE3353-72 Datasheet
365Kb / 4P
SMA Male to SMA Male Cable 72 Inch Length Using RG174 Coax
PE3353LF-12 PASTERNACK-PE3353LF-12 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using RG174 Coax, RoHS
PE3353LF-18 PASTERNACK-PE3353LF-18 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG174 Coax, RoHS
PE3353LF-24 PASTERNACK-PE3353LF-24 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG174 Coax, RoHS
PE3C3328-12 PASTERNACK-PE3C3328-12 Datasheet
360Kb / 4P
SMA Male to BNC Male Cable 12 Inch Length Using RG174 Coax
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com