전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC450029PKB 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 LC450029PKB
상세설명  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 3Page - ON Semiconductor LC450029PKB Datasheet HTML 4Page - ON Semiconductor LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor LC450029PKB Datasheet HTML 10Page - ON Semiconductor LC450029PKB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LC450029PKB
www.onsemi.com
7
Serial Data Input
1. 1/4 duty
(1) When CL is stopped at the low level
Note: DD is the direction data.
Fixed data
18 bits
B1
B0
D2
D1
0
1
D50
0
0
DI
CL
CE
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
D51
0
0
0
EXF
0
SC
OC
DN
DT
0
0
BU
0
0
FC0 FC1 FC2
D52
D47 D48 D49
B1
B0
0
1
D54
D53
0
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
D104
D103
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
D101 D102
D99 D100
0
B1
B0
0
1
D106
D105
0
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
D152
D151
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D203
B1
B0
0
1
D154
D153
0
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
D204
0
0
0
0
0
1
0
1
0
0
0
0
0
D208
D207
D206
D205
D202
D201
D200
D199
DD
2 bits
Control data
18 bits
Display data
52 bits
CCB address
8 bits
DD
2 bits
Display data
52 bits
CCB address
8 bits
Fixed data
22 bits
DD
2 bits
Display data
48 bits
CCB address
8 bits
Fixed data
14 bits
DD
2 bits
Display data
56 bits
CCB address
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25