전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC450029PKB 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LC450029PKB
상세설명  Duty General-Purpose LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor LC450029PKB Datasheet HTML 10Page - ON Semiconductor LC450029PKB Datasheet HTML 11Page - ON Semiconductor LC450029PKB Datasheet HTML 12Page - ON Semiconductor LC450029PKB Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LC450029PKB
www.onsemi.com
9
2. 1/3 duty
(1) When CL is stopped at the low level
Note: DD is the direction data.
B1
B0
D2
D1
0
1
D50
0
0
DI
CL
CE
0
0
0
D53
1
0
0
B3
B2
A1
A0
A3
A2
D51
0
D54
0
EXF
0
SC
OC
DN
DT
0
0
BU
0
0
FC0 FC1 FC2
D52
D47 D48 D49
B1
B0
0
1
D56
D55
0
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
D106
D105
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
D107
0
D108
D103 D104
D101 D102
0
B1
B0
0
1
D110
D109
0
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
D156
D155
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
D157 D158 D159 0
Fixed data
16 bits
DD
2 bits
Control data
16 bits
Display data
54 bits
CCB address
8 bits
DD
2 bits
Display data
54 bits
CCB address
8 bits
Fixed data
19 bits
DD
2 bits
Display data
51 bits
CCB address
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25