전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCI7620 데이터시트(PDF) 27 Page - Texas Instruments

부품명 PCI7620
상세설명  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 데이터시트(HTML) 27 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 23Page - Texas Instruments PCI7620 Datasheet HTML 24Page - Texas Instruments PCI7620 Datasheet HTML 25Page - Texas Instruments PCI7620 Datasheet HTML 26Page - Texas Instruments PCI7620 Datasheet HTML 27Page - Texas Instruments PCI7620 Datasheet HTML 28Page - Texas Instruments PCI7620 Datasheet HTML 29Page - Texas Instruments PCI7620 Datasheet HTML 30Page - Texas Instruments PCI7620 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 248 page
background image
2–6
Table 2–2. CardBus PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
AD0
W12
A_CAD5
C13
A_CPERR
C09
B_CAD31
E13
AD1
R11
A_CAD6
B13
A_CREQ
F06
B_CAUDIO
C17
AD2
N11
A_CAD7
E12
A_CRST
C06
B_CBLOCK
J17
AD3
U11
A_CAD8
A12
A_CSERR
B02
B_CCD1
N15
AD4
V11
A_CAD9
C12
A_CSTOP
G09
B_CCD2
C16
AD5
W11
A_CAD10
E11
A_CSTSCHG
C03
B_CCLK
H17
AD6
R10
A_CAD11
A11
A_CTRDY
C08
B_CCLKRUN
B17
AD7
W10
A_CAD12
B11
A_CVS1
C04
B_CC/BE0
M17
AD8
V10
A_CAD13
C11
A_CVS2
E07
B_CC/BE1
K17
AD9
W09
A_CAD14
F10
A_RSVD
A13
B_CC/BE2
G17
AD10
V09
A_CAD15
G10
A_RSVD
E10
B_CC/BE3
D18
AD11
R09
A_CAD16
B10
A_RSVD
F05
B_CDEVSEL
H18
AD12
N10
A_CAD17
B07
B_CAD0
P17
B_CFRAME
G18
AD13
V08
A_CAD18
C07
B_CAD1
P19
B_CGNT
H19
AD14
U08
A_CAD19
A06
B_CAD2
P18
B_CINT
B19
AD15
W07
A_CAD20
B06
B_CAD3
M15
B_CIRDY
G19
AD16
V05
A_CAD21
A05
B_CAD4
M14
B_CPAR
J18
AD17
N07
A_CAD22
B05
B_CAD5
N18
B_CPERR
J13
AD18
U05
A_CAD23
C05
B_CAD6
N17
B_CREQ
E17
AD19
W04
A_CAD24
E06
B_CAD7
L13
B_CRST
E19
AD20
V04
A_CAD25
A03
B_CAD8
M19
B_CSERR
B18
AD21
R06
A_CAD26
B03
B_CAD9
M18
B_CSTOP
J15
AD22
U04
A_CAD27
E05
B_CAD10
L15
B_CSTSCHG
A18
AD23
W03
A_CAD28
D03
B_CAD11
L19
B_CTRDY
H13
AD24
U03
A_CAD29
D02
B_CAD12
L18
B_CVS1
C18
AD25
V02
A_CAD30
D01
B_CAD13
L17
B_CVS2
F18
AD26
P06
A_CAD31
E03
B_CAD14
K14
B_RSVD
C15
AD27
T03
A_CAUDIO
B01
B_CAD15
K13
B_RSVD
K15
AD28
U02
A_CBLOCK
B09
B_CAD16
K18
B_RSVD
N19
AD29
U01
A_CCD1
B15
B_CAD17
H15
CLK_48
L02
AD30
P05
A_CCD2
C01
B_CAD18
F19
CLOCK
L05
AD31
T02
A_CCLK
B08
B_CAD19
H14
CNA
R18
AGN2
U13
A_CCLKRUN
C02
B_CAD20
F17
CPS
P12
AGN3
R13
A_CC/BE0
B12
B_CAD21
G15
C/BE0
U10
AGN4
W17
A_CC/BE1
C10
B_CAD22
E18
C/BE1
P09
AVD2
R12
A_CC/BE2
A07
B_CAD23
F15
C/BE2
R07
AVD3
U15
A_CC/BE3
B04
B_CAD24
C19
C/BE3
W02
AVD4
V17
A_CDEVSEL
A08
B_CAD25
D17
DATA
M01
A_CAD0
A15
A_CFRAME
E08
B_CAD26
F14
DEVSEL
R08
A_CAD1
F12
A_CGNT
E09
B_CAD27
A17
FILTER0
U17
A_CAD2
C14
A_CINT
A02
B_CAD28
B16
FILTER1
U18
A_CAD3
A14
A_CIRDY
F09
B_CAD29
E14
FRAME
W05
A_CAD4
B14
A_CPAR
A09
B_CAD30
A16
GND
H08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More