전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCI7620 데이터시트(PDF) 29 Page - Texas Instruments

부품명 PCI7620
상세설명  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 데이터시트(HTML) 29 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 25Page - Texas Instruments PCI7620 Datasheet HTML 26Page - Texas Instruments PCI7620 Datasheet HTML 27Page - Texas Instruments PCI7620 Datasheet HTML 28Page - Texas Instruments PCI7620 Datasheet HTML 29Page - Texas Instruments PCI7620 Datasheet HTML 30Page - Texas Instruments PCI7620 Datasheet HTML 31Page - Texas Instruments PCI7620 Datasheet HTML 32Page - Texas Instruments PCI7620 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 248 page
background image
2–8
Table 2–3. 16-Bit PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
AD0
W12
A_A5
A05
A_INPACK
F06
AD1
R11
A_A6
B06
A_IORD
C11
AD2
N11
A_A7
C07
A_IOWR
G10
AD3
U11
A_A8
C10
A_OE
A11
AD4
V11
A_A9
F10
A_READY(IREQ)
A02
AD5
W11
A_A10
C12
A_REG
B04
AD6
R10
A_A11
B11
A_RESET
C06
AD7
W10
A_A12
A07
A_WAIT
B02
AD8
V10
A_A13
A09
A_WE
E09
AD9
W09
A_A14
C09
A_WP(IOIS16)
C02
AD10
V09
A_A15
F09
A_VS1
C04
AD11
R09
A_A16
B08
A_VS2
E07
AD12
N10
A_A17
B10
B_A0
F14
AD13
V08
A_A18
E10
B_A1
D17
AD14
U08
A_A19
B09
B_A2
C19
AD15
W07
A_A20
G09
B_A3
F15
AD16
V05
A_A21
A08
B_A4
E18
AD17
N07
A_A22
C08
B_A5
G15
AD18
U05
A_A23
E08
B_A6
F17
AD19
W04
A_A24
B07
B_A7
F19
AD20
V04
A_A25
A06
B_A8
K17
AD21
R06
A_BVD1(STSCHG/RI)
C03
B_A9
K14
AD22
U04
A_BVD2(SPKR)
B01
B_A10
M18
AD23
W03
A_CD1
B15
B_A11
L18
AD24
U03
A_CD2
C01
B_A12
G17
AD25
V02
A_CE1
B12
B_A13
J18
AD26
P06
A_CE2
E11
B_A14
J13
AD27
T03
A_D0
E05
B_A15
G19
AD28
U02
A_D1
D02
B_A16
H17
AD29
U01
A_D2
F05
B_A17
K18
AD30
P05
A_D3
A15
B_A18
K15
AD31
T02
A_D4
F12
B_A19
J17
AGN2
U13
A_D5
A14
B_A20
J15
AGN3
R13
A_D6
C13
B_A21
H18
AGN4
W17
A_D7
E12
B_A22
H13
AVD2
R12
A_D8
D03
B_A23
G18
AVD3
U15
A_D9
D01
B_A24
H15
AVD4
V17
A_D10
E03
B_A25
H14
A_A0
B03
A_D11
C14
B_BVD1(STSCHG/RI)
A18
A_A1
A03
A_D12
B14
B_BVD2(SPKR)
C17
A_A2
E06
A_D13
B13
B_CD1
N15
A_A3
C05
A_D14
A13
B_CD2
C16
A_A4
B05
A_D15
A12
B_CE1
M17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More