| 전자부품 데이터시트 검색엔진 |
|
PI5L100LE 데이터시트(PDF) 5 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI5L100LE 데이터시트(HTML) 5 Page - Pericom Semiconductor Corporation |
|
5 / 13 page ![]() PI5L100 Wide-Bandwidth,Low-Voltage LanSwitch Quad 2:1 Mux/Demux 5 PS7031F 09/17/04 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 Figure 3. RON vs Input Voltage over Temperature (RON at VCC = 6.1V @ 75°C) Figure 4. RON vs Input Voltage (RON at VCC = 6.2V @ 25°C) 0.000 6.000 0.000 20.00 E+00 2.000/Div. 0.6/Div. VIN 0.000 6.000 0.6000/Div. VIN = 4.5000V, RON = 14.3E+00, VON = 3.9569V VON RON 25˚C 75˚C 75˚C 25˚C RON VON 0.000 6.000 0.000 20.00 E+00 2.000/Div. 0.6/Div. VIN 0.000 6.000 0.6000/Div. VIN = 4.5000V, RON = 10.9E+00, VON = 4.0720V VON RON RON VON |