| 전자부품 데이터시트 검색엔진 |
|
AR0130CSSC00SPBA0-DP1 데이터시트(PDF) 35 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0130CSSC00SPBA0-DP1 데이터시트(HTML) 35 Page - ON Semiconductor |
|
35 / 39 page ![]() AR0130CS www.onsemi.com 35 Power-Down Sequence The recommended power-down sequence for the AR0130 is shown in Figure 32. The available power supplies (VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA, VAA_PIX) must have the separation specified below. 1. Disable streaming if output is active by setting standby R0x301a[2] = 0. 2. The soft standby state is reached after the current row or frame, depending on configuration, has ended. 3. Turn off VDD_SLVS, if used. 4. Turn off VDD_IO. 5. Turn off VDD. 6. Turn off VAA/VAA_PIX. 7. Turn off VDD_PLL. Figure 32. Power Down EXTCLK VDD_PLL (2.8) VDD_IO (1.8/2.8) VDD (1.8) VDD_SLVS t0 Power Down until Next Power Up Cycle t1 t2 t3 t4 VAA_PIX VAA (2.8) Table 20. POWER-DOWN SEQUENCE Symbol Parameter Min Typ Max Unit t0 VDD_SLVS to VDD_IO 0 – – ms t1 VDD_IO to VDD 0 – – ms t2 VDD to VAA/VAA_PIX 0 – – ms t3 VAA/VAA_PIX to VDD_PLL 0 – – ms t4 PwrDn until Next PwrUp Time 100 – – ms 22.t4 is required between power down and next power up time; all decoupling caps from regulators must be completely discharged. |