| 전자부품 데이터시트 검색엔진 |
|
M24C16-RBN3TP/G 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C16-RBN3TP/G 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 29 page ![]() 19/29 M24C16, M24C08, M24C04, M24C02, M24C01 Table 17. AC Characteristics (M24Cxx-R) Note: 1. For a reSTART condition, or following a Write cycle. 2. Sampled only, not 100% tested. 3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA. 4. 100kHz clock frequency is offered on the standard device. 400kHz clock frequency is offered on new products bearing the Process Identification letter “W” or “G” on the package, as described in Table 24.. Test conditions specified in Table 8. and Table 7. Symbol Alt. Parameter Min. Max. Min.4 Max.4 Unit fC fSCL Clock Frequency 100 400 kHz tCHCL tHIGH Clock Pulse Width High 4000 600 ns tCLCH tLOW Clock Pulse Width Low 4700 1300 ns tDL1DL2 2 tF SDA Fall Time 20 300 20 300 ns tDXCX tSU:DAT Data In Set Up Time 250 100 ns tCLDX tHD:DAT Data In Hold Time 0 0 ns tCLQX tDH Data Out Hold Time 200 200 ns tCLQV 3 tAA Clock Low to Next Data Valid (Access Time) 200 3500 200 900 ns tCHDX 1 tSU:STA Start Condition Set Up Time 4700 600 ns tDLCL tHD:STA Start Condition Hold Time 4000 600 ns tCHDH tSU:STO Stop Condition Set Up Time 4000 600 ns tDHDL tBUF Time between Stop Condition and Next Start Condition 4700 1300 ns tW tWR Write Time 10 10 ms |