전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V850E/MA3 데이터시트(PDF) 23 Page - NEC

부품명 V850E/MA3
상세설명  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

V850E/MA3 데이터시트(HTML) 23 Page - NEC

Back Button V850E/MA3 Datasheet HTML 19Page - NEC V850E/MA3 Datasheet HTML 20Page - NEC V850E/MA3 Datasheet HTML 21Page - NEC V850E/MA3 Datasheet HTML 22Page - NEC V850E/MA3 Datasheet HTML 23Page - NEC V850E/MA3 Datasheet HTML 24Page - NEC V850E/MA3 Datasheet HTML 25Page - NEC V850E/MA3 Datasheet HTML 26Page - NEC V850E/MA3 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 226 page
background image
CHAPTER 2 REGISTER SET
User’s Manual U14559EJ3V1UM
23
2.2.5 CALLT caller status saving registers (CTPC, CTPSW)
Two CALLT caller status saving registers are provided: CTPC and CTPSW.
If a CALLT instruction is executed, the contents of the program counter (PC) are saved to CTPC, and the contents
of the program status word (PSW) are saved to CTPSW.
The contents saved to CTPC are the address of the instruction next to the CALLT instruction.
The current value of the PSW is saved to CTPSW.
Bits 31 to 26 of CTPC and bits 31 to 12 and 10 to 8 of CTPSW are reserved for future function expansion (fixed to
0).
Figure 2-7. CALLT Caller Status Saving Registers (CTPC, CTPSW)
31
26 25
0
CTPC
(Contents of PC)
31
0
CTPSW
(Contents of PSW)
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0
0
8
11
0 0
Note
9
10
12
Initial value
0xxxxxxxH
(x: Undefined)
00000xxxH
0
Initial value
(x: Undefined)
7
Note Contents of SS flag in PSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More