| 전자부품 데이터시트 검색엔진 |
|
V850E/MA3 데이터시트(PDF) 49 Page - NEC |
|
|
|||||||||||||||||||||||||||||
V850E/MA3 데이터시트(HTML) 49 Page - NEC |
|
49 / 226 page ![]() CHAPTER 5 INSTRUCTIONS User’s Manual U14559EJ3V1UM 49 • TST: Test • XOR: Exclusive OR • XORI: Exclusive OR immediate • ZXB: Zero extend byte • ZXH: Zero extend halfword (7) Branch instructions These instructions include unconditional branch instructions (JARL, JMP, JR) and a conditional branch instruction (Bcond) that alters the control depending on the status of flags. Program control can be transferred to the address specified by the branch instruction. The following instructions (mnemonics) are provided. • Bcond (BC, BE, BGE, BGT, BH, BL, BLE, BLT, BN, BNC, BNE, BNH, BNL, BNV, BNZ, BP, BR, BSA, BV, BZ): Branch on condition code • JARL: Jump and register link • JMP: Jump register • JR: Jump relative (8) Bit manipulation instructions Execute a logical operation to bit data in memory. Only the specified bit is affected. The following instructions (mnemonics) are provided. • CLR1: Clear bit • NOT1: Not bit • SET1: Set bit • TST1: Test bit (9) Special instructions These instructions are instructions not included in the categories of instructions described above. The following instructions (mnemonics) are provided. • CALLT: Call with table look up • CTRET: Return from CALLT • DI: Disable interrupt • DISPOSE: Function dispose • EI: Enable interrupt • HALT: Halt • LDSR: Load system register • NOP: No operation • PREPARE: Function prepare • RETI: Return from trap or interrupt • STSR: Store system register • SWITCH: Jump with table look up • TRAP: Trap |