전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBCF41002 데이터시트(PDF) 1 Page - Cherry Semiconductor Corporation

부품명 KBCF41002
상세설명  Individual keys with Gold Crosspoint contacts (ML technology)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

KBCF41002 데이터시트(HTML) 1 Page - Cherry Semiconductor Corporation

  KBCF41002 Datasheet HTML 1Page - Cherry Semiconductor Corporation KBCF41002 Datasheet HTML 2Page - Cherry Semiconductor Corporation KBCF41002 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultra-Slim Compact Covered
– EZClean® 4100
Internal
Models may vary from the image shown
CHERRY’s EZClean® 4100 keyboard features a smooth
silicone cover tha
t’s easy to clean with most standard medical
cleansers and disinfectant wipes, while providing an
exceptional tactile feel. Traditional keyboards, and even some
sealed, anti-microbial keyboards are vulnerable to germs and
bacteria, especially in hard to clean areas. The EZClean®
4100 keyboard…just type and wipe.
Applications include mobile medical carts, patient rooms, nurse
stations, triage stations, labs and high traffic areas with multiple
users.
Key Benefits
Individual keys with Gold Crosspoint contacts (ML technology)
Designed for continuous usage - over 20 million confirmations
per key
High level of reliability and precise tactile feedback
Minimal space requirements
Easy to clean surface that stands up to common cleaning
solutions [see cleaning material listing below]
Complete functions of a standard keyboard
Can be used with the standard drivers of the operating system
Ideal for 11" rack mount, medical cart and mobile applications
Technical Data:
Dimensions (product):
approx. 296.7mm x 146.7mm x 26.5mm
approx. 11.
68” x 5.77” x 1.04”
Packaging dimensions:
approx. 342mm 216mm x 46mm
approx. 13.5
” x 8.5” x 1.78” inches
Interface:
USB 2.0 (PS/2 via adaptor)
Operating temperature:
0 °C to 50 °C
Storage Temperature:
-20 °C to 60 °C
System Requirements
USB plug & play
Delivery Volume:
G84-4100 keyboard
Silicone cover
Quick guide
PS/2 adapter
Packaging unit:
Number of products in the master
packaging 22 keyboards
Number of master packages per pallet 8
Cable length:
approx. 1.75 m
approx. 69”
Weight (product):
approx 494.4 g
approx. 1.09 lbs
Weight (with packaging):
approx 717.4 g
approx. 1.58 lbs
Office
Weight (with packaging):
approx 71.74 g
approx. 1.58 lbs
P/N: EZN-4100LCMUS-2


유사한 부품 번호 - KBCF41002

제조업체부품명데이터시트상세설명
logo
France Joint
KBC FRANCEJOINT-KBC Datasheet
273Kb / 4P
STANDARD SHAFT SEALS
logo
Cooper Bussmann, Inc.
KBC-10 COOPER-KBC-10 Datasheet
34Kb / 1P
For new installations, Bussmann recommends the 700 Volt FWP series fuse. The 600V fuses are supplied as replacements only.
KBC-100 COOPER-KBC-100 Datasheet
750Kb / 20P
High Speed Fuses
KBC-100 COOPER-KBC-100 Datasheet
34Kb / 1P
For new installations, Bussmann recommends the 700 Volt FWP series fuse. The 600V fuses are supplied as replacements only.
KBC-110 COOPER-KBC-110 Datasheet
750Kb / 20P
High Speed Fuses
More results

유사한 설명 - KBCF41002

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
QST108 STMICROELECTRONICS-QST108 Datasheet
633Kb / 38P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
26-Sep-2007
logo
Vitesse Semiconductor C...
VSC3004 VITESSE-VSC3004 Datasheet
456Kb / 2P
Crosspoint Switch with Integrated Equalization
logo
STMicroelectronics
QST104 STMICROELECTRONICS-QST104 Datasheet
454Kb / 45P
Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
05-Feb-2008
QST108 STMICROELECTRONICS-QST108_08 Datasheet
807Kb / 51P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
11-Jul-2008
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332_08 Datasheet
463Kb / 9P
Quad Video Switch with Individual Enables
logo
Panasonic Semiconductor
ML612S PANASONIC-ML612S Datasheet
30Kb / 1P
Manganese Lithium Coin Batteries (ML series): Individual Specifications
ML621S PANASONIC-ML621S Datasheet
31Kb / 1P
Manganese Lithium Coin Batteries (ML series): Individual Specifications
logo
List of Unclassifed Man...
QH16T ETC2-QH16T Datasheet
13Mb / 1P
INDIVIDUAL LOUDSPEAKERS
logo
Cherry Semiconductor Co...
G81-1800 CHERRY-G81-1800 Datasheet
55Kb / 4P
Mechanical individual keys with membrane contact switches
logo
PHOENIX CONTACT
CUTFOX-EB PHOENIX-CUTFOX-EB Datasheet
49Kb / 2P
Power front cutters, for removing individual contacts from insertion bridges.
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com