전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBCF41002 데이터시트(PDF) 2 Page - Cherry Semiconductor Corporation

부품명 KBCF41002
상세설명  Individual keys with Gold Crosspoint contacts (ML technology)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

KBCF41002 데이터시트(HTML) 2 Page - Cherry Semiconductor Corporation

  KBCF41002 Datasheet HTML 1Page - Cherry Semiconductor Corporation KBCF41002 Datasheet HTML 2Page - Cherry Semiconductor Corporation KBCF41002 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra-Slim Compact Covered
– EZClean® 4100
Internal
Order Description
Service
Design
Product Name
Order Number
Interface
# of Keys
Color
Cover
Heavy Use
EZClean® 4100
EZN4100LCMUS2
(includes keyboard and
cover)
USB with
PS/2 Adapter
86
Black
Transparent
Heavy Use
EZClean® Cover
KBCF41002
N/A
N/A
Black
Transparent
Available in various country and
key layout versions upon request
Technical Data continued:
Current Consumption:
Max. 100 mA
Keyboard :
Key technology: ML
Service life, standard key: > 20 million key
operations
Operation characteristics: Linear
Inscription technology: Laser
Inscription layout: Normal
Number of Keys: 86 (w/Windows keys)
Cover Silicone life > 3 million key
operations
Keyboard Reliability:
MTBF > (90) > 169,3000 hours
MCBF > 10 bill. operation
Warranty:
2 Years (Keyboard)
1 Year Limited (Silicone Cover)
Cleaning Materials:
Suggested cleaning/disinfectant materials are:
Alcohol based cleaning products
Chlorine bleach disinfectant wipes products
10% Bleach solution
10% Hydrogen Peroxide
Disinfectant wipes
Soap and water
Warning
Do not use the following fluids or actions to clean the
keyboard:
NO Petroleum based cleaning fluids, such as
Gasoline (Petrol), Turpentine, or Oil
NO Acetone
NO cleaning fluid with over 10% bleach
NO temperature sterilization
NO abrasive scrubbing pads



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com