전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT86192 데이터시트(PDF) 11 Page - Holtek Semiconductor Inc

부품명 HT86192
상세설명  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86192 데이터시트(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT86192 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Pad No.
X
Y
Pad No.
X
Y
9
-1864.850
-2174.000
26
1210.500
-2204.900
10
-1618.550
-2204.850
27
1310.510
-2167.850
11
-1518.550
-2204.850
28
1425.500
-2167.850
12
-1407.950
-2204.850
29
1530.500
-2167.850
13
-1307.950
-2204.850
30
1642.300
-2167.850
14
-1197.350
-2204.850
31
1755.511
-2167.850
15
-1097.350
-2204.850
32
1860.559
-2167.850
16
-986.750
-2204.850
33
1859.150
-1935.526
17
-881.025
-2204.850
34
1859.150
-1257.674
HT86768
Pad No.
X
Y
Pad No.
X
Y
1
-1864.850
-1864.100
18
-764.350
-2737.350
2
-1864.850
-1974.700
19
-663.350
-2737.350
3
-1864.850
-2074.700
20
-552.750
-2737.350
4
-1864.850
-2185.300
21
659.200
-2737.350
5
-1864.850
-2285.300
22
769.800
-2737.350
6
-1864.850
-2395.900
23
869.800
-2737.350
7
-1864.850
-2495.900
24
980.400
-2737.350
8
-1864.850
-2606.500
25
1110.300
-2737.400
9
-1864.850
-2706.500
26
1210.500
-2737.400
10
-1618.550
-2737.350
27
1310.510
-2700.350
11
-1518.550
-2737.350
28
1425.500
-2700.350
12
-1407.950
-2737.350
29
1530.500
-2700.350
13
-1307.950
-2737.350
30
1642.300
-2700.350
14
-1197.350
-2737.350
31
1755.511
-2700.350
15
-1097.350
-2737.350
32
1860.559
-2700.350
16
-986.750
-2737.350
33
1859.150
-2468.026
17
-881.025
-2737.350
34
1859.150
-1790.174
Pad Description
Pad Name
I/O
Mask Option
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bidirectional 8-bit I/O port. Each bit can be configured as a wake-up input
by mask option. Software instructions determine the CMOS output or
Schmitt trigger input with or without pull-high resistor (mask option).
PB0~PB7
I/O
Pull-high
or None
Bidirectional 8-bit I/O port. Software instructions determine the CMOS
output or Schmitt trigger input (pull-high resistor depending on mask op-
tion).
PC0~PC5
PC6/XIN
I/O
Pull-high
or None
Bidirectional 7-bit I/O port. Software instructions determine the CMOS
output or Schmitt trigger input (pull-high resistor depending on mask op-
tion). XIN is pin-shared with PC6
XOUT
¾
32kHz RTC
Connected an external 32kHz crystal to XIN and XOUT.
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
VDDA
¾¾
DAC power supply
VSSA
¾¾
DAC negative power supply, ground
RES
I
¾
Schmitt trigger reset input, active low
HT86XXX
Rev. 1.70
11
May 6, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39